| データシートサーチシステム |
|
9DB233AFILF データシート(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9DB233AFILF データシート(HTML) 16 Page - Renesas Technology Corp |
|
16 / 18 page ![]() 9DB233 TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3 IDT® TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3 16 9DB233 OCTOBER 20, 2016 Revision History Rev. Who Issue Date Description Page # A RDW 6/30/2010 Released to final B RDW 7/12/2010 1. Changed PWD to Default in SMBus tables. 10,11 C RDW 4/14/2011 Changed pull down indicator from '**' to ' v '. D RDW 4/9/2012 1. Updated typical electrical characteristics to reflect improved performance 3-6 E RDW 2/19/2014 1. Corrected typo for Read/Write address from D4/D5 to D5/D4 respectively. 2. Added device marking diagrams. Various F RDW 10/20/2016 Updated input clock electrical table to latest format. No change to form, fit or function of the device 4 |