| データシートサーチシステム |
|
9DB233AFILF データシート(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9DB233AFILF データシート(HTML) 12 Page - Renesas Technology Corp |
|
12 / 18 page ![]() 9DB233 TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3 IDT® TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3 12 9DB233 OCTOBER 20, 2016 SMBus Table: DEVICE ID Pin # Name Control Function Type0 1 Default Bit 7 R 0 Bit 6 R 0 Bit 5 R 0 Bit 4 R 0 Bit 3 R 0 Bit 2 R 1 Bit 1 R 1 Bit 0 R 0 SMBus Table: Byte Count Register Pin # Name Control Function Type 0 1 Default Bit 7 BC7 RW - - 0 Bit 6 BC6 RW - - 0 Bit 5 BC5 RW - - 0 Bit 4 BC4 RW - - 0 Bit 3 BC3 RW - - 0 Bit 2 BC2 RW - - 1 Bit 1 BC1 RW - - 1 Bit 0 BC0 RW - - 0 - - - - - Writing to this register will configure how many bytes will be read back, default is 06 = 6 bytes. - - - - - - - Byte 5 - - - - - - Byte 4 - - - Device ID = 06 Hex - - - |