| データシートサーチシステム |
|
A22Z-R25 データシート(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 データシート(HTML) 13 Page - Omron Electronics LLC |
|
13 / 18 page ![]() G-315 A22E Control Box (Enclosure) A22Z-B10 # A22Z-B102 (Two Holes) A22Z-B103 (Three Holes) 21 dia. 22.1 +0.2 dia. -0.1 Cable Port Hole (Top View) 16 ±1 dia. -0.1 Two, 22.1 +0.2 dia. 21 dia. Cable Port Hole (Top View) 16 ±1 dia. -0.1 Three, 22.1 +0.2 dia. 21 dia. Cable Port Hole (Top View) 16 ±1 dia. Panel Mounting Hole Four, 4x38 tapping screws (10x36) 0.6-mm concave surface (Lead cable hole) (Lead cable hole) Two mounting holes (Lead cable hole) Four, 4x38 tapping screws Four, 4x38 tapping screws (10x36) 0.6-mm concave surface (Lead cable hole) (Lead cable hole) (10x36) 0.6-mm concave surface A22Z-B101 (One Hole) A22Z-B101Y (Lead cable hole) Two mounting holes Two mounting holes |