| データシートサーチシステム |
|
A22Z-R25 データシート(PDF) 14 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 データシート(HTML) 14 Page - Omron Electronics LLC |
|
14 / 18 page ![]() G-316 Safety Sensors / Components Terminal Arrangement Terminal Arrangement (Bottom View) Terminal Connection Note: The above terminal connection diagrams are examples for SPST-NO + SPST-NC. Panel Cutouts Note: 1. When applying coating such as paint to the panel, the di- mensions should be those after the application of coating. 2. Recommended panel thickness: 1 to 5 mm. 3. Use an A22Z-R25 Ring when mounting to a panel with 25- mm holes. Non-lighted (SPST-NO + SPST-NC) Lighted (SPST-NO + SPST-NC) Type Terminal connection Non-lighted Lighted without Volt- age Reduction Unit Lighted with Voltage Reduction Unit Switch Blocks M3.5 screws Lamp Socket Switch Blocks Bottom view Bottom view Bottom view Without Lock Fitting With Lock Fitting R0.8 max. 3.2 +0.2 dia. 0 24.1 +0.4 dia. 0 22.3 +0.4 dia. 0 25 +0.5 dia. 0 22.3 +0.4 dia. 0 |