| データシートサーチシステム |
|
A22Z-R25 データシート(PDF) 17 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 データシート(HTML) 17 Page - Omron Electronics LLC |
|
17 / 18 page ![]() G-319 A22E Installing/Removing the Switch Blocks Installing the Switch Blocks Hook the small protrusion on the Mounting Latch into the groove on the other side of the lever, then push up the Switch Block in the direc- tion indicated by the arrow in the figure below. Removing the Switch Blocks Insert a screwdriver between the Mounting Latch and the Switch Block, then push down the screwdriver in the direction indicated by the arrow in the following figure. Wiring Wiring Round Crimp Terminals Loosen the terminal screw from the Switch Unit until it completely comes off the groove, insert a screwdriver as shown in the following figure, then push up the washer in the direction indicated by the arrow to temporarily secure it. Now, a round crimp terminal can be connected. After inserting the terminal, tighten the screws to com- plete wiring. Lever Switch Block Protrusion Mounting Latch Use either of the following screwdrivers. Screwdriver 3 to 6 mm 3 to 6 mm Flat-head screwdriver Phillips screwdriver Screw Washer Screwdriver |