| データシートサーチシステム |
|
A22Z-R25 データシート(PDF) 11 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 データシート(HTML) 11 Page - Omron Electronics LLC |
|
11 / 30 page ![]() A22 11 Ordering Information Item Appearance Classification Model Remarks 25-dia. Ring --- A22Z-R25 Use when mounting to a panel with a 25-dia. hole. For details, refer to page 18. Since this is not at- tached to the main body, order separately. 30-dia. Resin Attach- ment Round A22Z-A30 Use when mounting to a panel with a 30-dia. hole. For details, refer to page 20. Lock Plate --- A22Z-3380 Use to fix the lever on the Switch. Simple Protective Cover --- A22Z-3700 Prevents foreign matter entering into the Switch from the back of the panel. ■ Specifications: See pages 13 to 14. ■ Precautions for correct use: See page 23. ■ Dimensions: See page 16. ■ Accessories and tools: See pages 10 to 12. |