| データシートサーチシステム |
|
A22Z-R25 データシート(PDF) 16 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 データシート(HTML) 16 Page - Omron Electronics LLC |
|
16 / 30 page ![]() A22 16 Dimensions (Unit: mm) Lighted/Non-lighted Pushbutton Switches (The following illustrations are for momentary operation.) Note: Lighted models have the same dimensions as shown above, whether they are with or without Voltage Reduction Units. * Alternate operation models are 9.3 mm longer. 1.8 5.9 0.5 27R 34 36 12 30 28 29.7 dia. 54.7 * 0.5 1.8 5.9 29.7 dia. 12 64 34 1.8 5.9 0.5 44 12 29.7 dia. 72.7 * Flat Type/A22-F For SPST-NO (SPST-NC) Switches For SPST-NO (SPDT-NC) Alternate Operation Switches For DPST-NO (DPST-NC) Monoblock-contact Switches 29.7 dia. 5.9 1.8 0.5 18.5 34 12 54.7 * Half-guard Type/A22-H/A22L-H 1.8 5.9 0.5 34 19 54.7 * 29.7 dia. 23.9 dia. Projection Type/A22-T/A22L-T 1.8 5.9 0.5 34 19 29.7 dia. 54.7 * Full-guard Type/A22-G/A22L-G 1.8 5.9 0.5 34 32 40 dia. 54.7 * 40-dia. Mushroom Type/A22-M 1.8 5.9 0.5 34 54.7 * 18 12 25.6 × 25.6 29.8 × 29.8 Square/Projection type/A22-C/A22L-C 1.8 5.9 0.5 34 18 5.3 54.7 * 29.8 × 29.8 Square/Full-guard Type/A22-D/A22L-D |