| データシートサーチシステム |
|
E5DC-RX2AUM-002 データシート(PDF) 69 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 データシート(HTML) 69 Page - Omron Electronics LLC |
|
69 / 138 page ![]() E5DC/E5DC-B 69 E5DC-B (Models with Push-In Plus Terminal Blocks) Note: 1. The application of the terminals depends on the model. 2. Do not wire the terminals that are shown with a gray background. 3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less. If the cable length exceeds 30m, compliance with EMC standards will not be possible. 4. Refer to Wiring Precautions for E5 @C-B (Controllers with Push-In Plus Terminal Blocks) on page 133 for wire specifications and wiring methods. 5. Due to UL Listing requirements, use the E54-CT1L or E54-CT3L Current Transformer with the factory wiring (internal wiring). Use a UL category XOBA or XOBA7 current transformer that is UL Listed for field wiring (external wiring) and not the factory wiring (internal wiring). 6. The terminal layout is different than models with screw terminal blocks. Check the terminal arrangement before wiring. 7. The event input specification main unit is not used with models with Push-In Plus terminal blocks. Isolation/Insulation Block Diagrams E5DC Note: Auxiliary outputs 1 to 2 are not insulated. E5DC-B Note: Auxiliary outputs 1 to 2 are not insulated. Pt AB B + - - + 11 12 15 16 I 11 12 15 16 mA V 11 12 15 16 V 9 10 13 14 TC - + 11 12 15 16 Control output Relay output 250 VAC, 3 A (resistive load) Voltage output (for driving SSR) 12 VDC, 21 mA Linear current output 0 to 20 mA DC Load: 500 Ω max. 4 to 20 mA DC Relay outputs 250 VAC: 2 A (resistive load) Auxiliary outputs 1, 2 E5DC M B 1 2 1 2 (3) Input Power Supply (no polarity) 100 to 240 VAC 24 VAC/DC RX QX CX (1) Control Output (2) Auxiliary Outputs Auxiliary output 2 Auxiliary output 1 (5) Sensor (Temperature/Analog) Input (6) Options 002 Communications and 1 CT 015 Communications + - 3 4 3 4 - 3 4 + C Q R 5 6 7 8 7 8 CT1 RS-485 B(+) A(-) 5 6 RS-485 B(+) A(-) (1) (2)(3)(4)(5) (6) Terminal type 1 2 5 6 9 10 13 14 3 4 7 8 12 11 15 16 The E5DC-B is set for a K-type thermocouple (input type = 5) by default. An input error ( s.err) will occur if the input type setting does not agree with the temperature sensor. Check the input type. 1 relay output 1 voltage output (for driving SSR) 1 linear current output * When connecting different potentials to auxiliary outputs 1 and 2, check the single fault condition of the common terminal before use. Sensor input and CT input Communications and event input Voltage output (for driving SSR) and linear current output Relay output Auxiliary outputs 1 and 2 : Reinforced insulation : Functional isolation Power supply Sensor input and CT input Communications Voltage output (for driving SSR) and linear current output Relay output Auxiliary outputs 1 and 2 : Reinforced insulation : Functional isolation Power supply |