| データシートサーチシステム |
|
E5DC-RX2AUM-002 データシート(PDF) 11 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 データシート(HTML) 11 Page - Omron Electronics LLC |
|
11 / 138 page ![]() E5GC 11 External Connections E5GC Note: 1. The application of the terminals depends on the model. 2. Do not wire the terminals that are shown with a gray background. 3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less. If the cable length exceeds 30 m, compliance with EMC standards will not be possible. 4. Connect M3 crimped terminals. 5. Due to UL Listing requirements, use the E54-CT1L or E54-CT3L Current Transformer with the factory wiring (internal wiring). Use a UL category XOBA or XOBA7 current transformer that is UL Listed for field wiring (external wiring) and not the factory wiring (internal wiring). Isolation/Insulation Block Diagrams Note: Auxiliary outputs 1 to 2 are not insulated. E5GC- @@@@@M-@@@ (1) (2)(3)(4)(5) (6) Linear current output 0 to 20 mA DC 4 to 20 mA DC Load: 500 Ω max. Voltage output (for driving SSR) 12 VDC, 21 mA Relay output 250 VAC, 2 A (resistive load) 250 VAC, 2 A (resistive load) Relay outputs Control Outputs Auxiliary outputs 1, 2 ↑ Terminal type The E5GC is set for a K-type thermocouple (input type = 5) by default. An input error ( s.err) wil occur if the input type setting does not agree with the temperature sensor. Check the input type. CT 78 9 EV2 EV1 024 Event inputs 1 and 2 789 015 Communications (RS-485) RS-485 B(+) A( −) 789 EV1 016 Event input 1 789 023 CT input 12 100 to 240 VAC 12 24 VAC/DC (no polarity) 34 RX Relay output RQ C 34 QX Voltage output (for driving SSR) 34 CX Linear current output 10 11 12 V V + + − + − +− +− − 10 11 12 mA I 10 11 12 TC 10 11 12 Pt B A B 78 9 10 11 12 123456 (6) Options (3) Input Power Supply (1) Control Outputs 9 56 Auxiliary output 1 Auxiliary output 2 (2) Auxiliary Outputs 56 Auxiliary output 1 Auxiliary output 1 Auxiliary outputs 1, 2 (5) Sensor (Temperature/Analog) Input ( −) ( −) Use no-voltage inputs for the event inputs. The polarity for non-contact inputs is given in parentheses. Sensor input and CT input Communications and event inputs Voltage output (for driving SSR) and linear current output Relay output Auxiliary outputs 1 and 2 : Reinforced insulation : Functional isolation Power supply |