| データシートサーチシステム |
|
E5DC-RX2AUM-002 データシート(PDF) 30 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 データシート(HTML) 30 Page - Omron Electronics LLC |
|
30 / 138 page ![]() E5CC/E5CC-B/E5CC-U 30 External Connections E5CC (Screw Terminal Blocks) Note: 1. The application of the terminals depends on the model. 2. Do not wire the terminals that are shown with a gray background. 3. When complying with EMC standards, the cable that connects the sensor must be 30 m or less. If the cable length exceeds 30 m, compliance with EMC standards will not be possible. 4. Connect M3 crimped terminals. 5. Due to UL Listing requirements, use the E54-CT1L or E54-CT3L Current Transformer with the factory wiring (internal wiring). Use a UL category XOBA or XOBA7 current transformer that is UL Listed for field wiring (external wiring) and not the factory wiring (internal wiring). Voltage output (for driving SSR) 12 VDC, 21 mA Control output 2 The E5CC is set for a K-type thermocouple (input type = 5) by default. An input error ( s.err) will occur if the input type setting does not agree with the temperature sensor. Check the input type. Control output 1 Relay output 250 VAC, 3A (resistive load) Voltage output (for driving SSR) 12 VDC, 21 mA Linear current output 0 to 20 mA DC 4 to 20 mA DC Load: 500 Ω max. Relay outputs Models with 3 auxiliary outputs: 250 VAC, 2 A (resistive load) (no polarity) 100 to 240 VAC 24 VAC/DC Auxiliary outputs 1, 2, 3 7 8 9 10 ●● Auxiliary output 2 Auxiliary output 3 Auxiliary output 1 005 Event Inputs 1 to 4 004 Communications (RS-485), and Event Inputs 3 and 4 007 Event Inputs 1 and 2, and Remote SP Input 006 Event Inputs 1 and 2, and Transfer Output 001 Event Inputs 1 and 2, and CT1 003 Communications (RS-485), CT1, and CT2 (2) Auxiliary Outputs (3) Input Power Supply (5) Sensor (Temperature/Analog) Input (6) Options Models with 1 Linear Current Output Models with 1 Relay Output Models with 2 Voltage Outputs (for Driving SSR) (1) Control outputs 1, 2 Models with 1 Voltage Output (for Driving SSR) RX QX CX QQ Auxiliary outputs 1, 2, 3 E5CC- @@ 3 @ 5 M - @@@ ↑ Terminal type Models with 2 Outputs: Linear Current Output and Voltage (for Driving SSR) CQ 17 18 12 15 16 1 2 13 14 3 11 4 6 7 8 9 10 5 6 4 5 6 5 6 Pt A B B + - mA - + 5 4 V - 5 V 6 + 4 TC 4 I 11 12 11 12 18 13 16 17 16 17 18 13 16 17 18 13 14 15 13 14 15 16 18 13 14 15 16 17 18 16 17 13 17 18 V I V mA 14 15 14 15 14 15 EV1 EV2 EV1 EV2 EV1 EV2 EV1 EV2 EV3 EV4 EV3 EV4 CT1 B(+) A(-) RS-485 B(+) A(-) RS-485 CT2 COM CT1 + - 3 1 2 3 1 2 - 3 + Q 1 + 2 - 3 C OUT1 C OUT1 OUT1 OUT2 Q OUT1 R 1 2 + 3 + Q 1 + 2 - Q OUT1 OUT2 (-) (-) (1) (2) (3) (4) (5) (6) Use no-voltage inputs for the event inputs. The polarity for non-contact inputs is given in parentheses. (-) (-) (-) + ++ (-) - + - |