| データシートサーチシステム |
|
E5DC-RX2AUM-002 データシート(PDF) 116 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 データシート(HTML) 116 Page - Omron Electronics LLC |
|
116 / 138 page ![]() E5 @C/E5@C-T 116 Operation *1 *1 Starting in Manual Mode. Starting in Automatic Mode. PID Control only PV/MV Press the O Key less than 1 s. Press the O and M Keys for at least 3 s. Press the O and M Keys for at least 1 s. Press the O Key less than 1 s. Press the O Key for at least 1 s. Press the O Key for less than 1 s. Press the O Key for at least 3 s. Other than the Auto/Manual Switch display Press the S Key*2 Press the S Key for at least 1 s. Press the O Key or the S Key for at least 1 s. *1. When the PF Setting parameter is set to A-M. *2. When the PF Setting parameter is set to PFDP. Press the S Key*2 Displayed only for models with communications. Changes are effective after cycling power or after a software reset. *3. Used with component communications. M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M * Used with programless communications M M M M M M M M M M M M M M M M M M M M M M pmsk on 25 0 C 25 0 l.adj ins 0.0 rss 0.0 inrt 1.000 rsrt 1.000 c-p 8.0 c-i 233 c-d 40 M M M p 8.0 i 233 d 40 c-db 0.0 of-r 50.0 hys 1.0 chys 1.0 soak 1 wt-b off mv-s 0.0 pmov 0 psel cwf u-no 1 bps 9.6 len 7 sbit 2 prty even sdwt 20 maxu 0 area 0 adrh 0 adrl 0 rwat 1000 unit 0 up 1 1 up13 0 dn 1 31 dn13 75 copy off sps 1.000 spos 0.0 oapt 0 icpt 1 wtpt off pfpt off M M chgp off M prlp 0 mv-e 0.0 sprl same M sprt off w1on w2on w3on w4of w5on w6on w7on w8on w1of w2of w3of w4on w5of w6of w7of w8of plcm 0 ol-h 100.0 ol-l 0.0 M sqrp 0.0 M oc-h 0.8 at off cmwt off ct1 0.0 M spmd lsp hb1 0.0 ct2 0.0 hb2 0.0 lcr1 0.0 hs1 50.0 lcr2 0.0 hs2 50.0 sp-0 0 sp-1 0 sp-2 0 sp-3 0 sp-4 0 sp-5 0 sp-6 0 sp-7 0 M sp-3 0 r-s run v-m in-t 5 in-h 100 in-l 0 dp 0 d-u c sl-h 1300 sl-l -200 cntl onof s-hc stnd st on ptrn off cp 20 c-cp 20 orev or-r alt1 2 alh1 0.2 al-1 0 al1h 0 al1l 0 al-2 0 al2h 0 al2l 0 al-4 0 al4h 0 al4l 0 M M M al-3 0 al3h 0 al3l 0 o 0.0 c-o 0.0 0.0 25 0 a-m m-sp 0 sp-m 0 rsp 0.0 ct1 0.0 ct2 0.0 lcr1 0.0 lcr2 0.0 prst rset M sktr 0 M orl 0.0 M db 2.0 Power ON Adjustment Level Press the O Key less than 1 s. Manual Control Level Adjustment Level Display Displayed only once when entering adjustment level. AT Execute/Cancel Communications Writing Heater Current 1 Value Monitor Heater Burnout Detection 1 Heater Current 2 Value Monitor Heater Burnout Detection 2 Leakage Current 1 Monitor Leakage Current 2 Monitor HS Alarm 1 SP Mode SP 4 SP 5 SP 6 SP 7 HS Alarm 2 SP 0 SP 1 SP 2 SP 3 Proportional Band (Cooling) Integral Time (Cooling) Derivative Time (Cooling) Process Value Input Shift Remote SP Input Shift Process Value Slope Coefficient Remote SP Input Slope Coefficient Proportional Band Integral Time Derivative Time Dead Band SP Ramp Fall Value Manual Reset Value Hysteresis (Heating) Hysteresis (Cooling) Soak Time Wait Band MV at Stop MV at PV Error SP Ramp Set Value MV Upper Limit MV Lower Limit MV Change Rate Limit Work Bit 1 ON Delay Work Bit 2 ON Delay Work Bit 3 ON Delay Work Bit 4 OFF Delay Work Bit 5 ON Delay Work Bit 6 ON Delay Work Bit 7 ON Delay Work Bit 8 ON Delay Work Bit 1 OFF Delay Work Bit 2 OFF Delay Work Bit 3 OFF Delay Work Bit 4 ON Delay Work Bit 5 OFF Delay Work Bit 6 OFF Delay Work Bit 7 OFF Delay Work Bit 8 OFF Delay Extraction of Square Root Low-cut Point Press the O Key for at least 3 s. Process Value/ Set Point 1 Process Value/ Set Point 2 Auto/Manual Switch Multi-SP Set Point During SP Ramp Heater Current 1 Value Monitor Heater Current 2 Value Monitor Leakage Current 1 Monitor Leakage Current 2 Monitor Program Start Soak Time Remain RUN/STOP Remote SP Monitor Operation Level Position Proportional Dead Band Open/Close Hysteresis Communications Monitor Initial Setting Level Alarm Value 1 Alarm Value Upper Limit 1 Alarm Value Lower Limit 1 Alarm Value 2 Alarm Value Upper Limit 2 Alarm Value Lower Limit 2 Alarm Value 3 Alarm Value Upper Limit 3 Alarm Value Lower Limit 3 MV Monitor (Heating) MV Monitor (Cooling) Alarm Value Upper Limit 4 Alarm Value Lower Limit 4 Alarm Value 4 Valve Opening Monitor Protect Level Communications Setting Level Move to Protect Level: Displayed only when a password is set. Operation/Adjustment Protect Initial Setting/Communications Protect Setting Change Protect Password to Move to Protect Level PF Key Protect Parameter Mask Enable Changed Parameters Only Protocol Setting: Switches between CompoWay/F and Modbus. Communications Unit No. Communications Baud Rate Communications Data Length Communications Stop Bits Communications Parity Send Data Wait Time ST (Self-tuning) Input Type Scaling Upper Limit Scaling Lower Limit Decimal Point Temperature Unit SP Upper Limit SP Lower Limit PID ON/OFF Standard or Heating/Cooling Program Pattern Control Period (Heating) Control Period (Cooling) Direct/Reverse Operation Alarm 1 Type Alarm 1 Hysteresis Highest Communications Unit No. The time taken to move to the protect level can be adjusted by changing the "Move to protect level time" setting. *3 Area First Address Upper Word First Address Lower Word Receive Data Wait Time *3 Communications Node Number Upload Setting 1 Upload Setting 13 Download Setting 1 Download Setting 13 Copy *3 SP Slope *3 SP Offset *3 M Alarm 2 Type M alh2 0.2 Alarm 2 Hysteresis alt2 2 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Parameters E5 @C The following pages describe the parameters set in each level. Pressing the M (Mode) Key at the last parameter in each level returns to the top parameter in that level. Some parameters may not be displayed depending on the model and other settings. |