| データシートサーチシステム |
|
NPM1100-CAAA-R データシート(PDF) 42 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NPM1100-CAAA-R データシート(HTML) 42 Page - Nordic Semiconductor |
|
42 / 58 page ![]() 8 Hardware and layout 8.1 Ball assignments The ball assignment figure and table describe the assignments for this variant of the chip. Figure 35: WLCSP ball assignments Pin Name Function Description Recommended usage A1 D- Analog input USB D- data line A2 D+ Analog input USB D+ data line A3 DEC Power System decoupling capacitor A4 SW Power BUCK converter output (to inductor) A5 PVSS Power Ground (DC/DC) B1 VBUS Power Input supply B2 VBUS Power Input supply B3 VOUTBSET1 Digital I/O BUCK regulator output voltage selection Toggle only when the device is in Power OFF B4 VOUTBSET0 Digital I/O BUCK regulator output voltage selection Toggle only when the device is in Power OFF B5 VOUTB Power BUCK regulator output C1 VSYS Power System voltage output; automatically enabled after power- on reset C2 VSYS Power System voltage output; automatically enabled after power- on reset 4445_367 v1.0 42 |