データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NPM1100-CAAA-R データシート(PDF) 44 Page - Nordic Semiconductor

部品番号 NPM1100-CAAA-R
部品情報  nPM1100
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NORDIC [Nordic Semiconductor]
ホームページ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-R データシート(HTML) 44 Page - Nordic Semiconductor

Back Button NPM1100-CAAA-R Datasheet HTML 40Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 41Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 42Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 43Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 44Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 45Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 46Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 47Page - Nordic Semiconductor NPM1100-CAAA-R Datasheet HTML 48Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
Hardware and layout
Figure 36: WLCSP 2.075x2.075 mm package
A
A1
A2
b
D
E
D2
E2
d
e
K
L
Min.
0.406
0.14
0.266 0.195
Nom.
0.464
0.294
2.075 2.075 1.6
1.6
0.4
0.4
Max.
0.522
0.2
0.322 0.255
Table 21: WLCSP dimensions in millimeters
8.3 Reference circuitry
Documentation for the different package reference circuits, including Altium Designer files, PCB layout
files, and PCB production files can be downloaded from www.nordicsemi.com.
The following reference circuits for nPM1100 show the schematics and components to support different
configurations in a design.
4445_367 v1.0
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58