データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

76563 データシート(PDF) 28 Page - Wiha Tools

部品番号 76563
部品情報  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WIHA [Wiha Tools]
ホームページ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76563 データシート(HTML) 28 Page - Wiha Tools

Back Button 76563 Datasheet HTML 24Page - Wiha Tools 76563 Datasheet HTML 25Page - Wiha Tools 76563 Datasheet HTML 26Page - Wiha Tools 76563 Datasheet HTML 27Page - Wiha Tools 76563 Datasheet HTML 28Page - Wiha Tools 76563 Datasheet HTML 29Page - Wiha Tools 76563 Datasheet HTML 30Page - Wiha Tools 76563 Datasheet HTML 31Page - Wiha Tools 76563 Datasheet HTML 32Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
28
Wiha TiN Coated Bit
Wiha Diamond Bit
Wiha Dura Bit
Wear Characteristics
Phillips TiN Coated Insert Bits, 1/4”
Item
No.
Size
mm
lbs.
71121
1
25
.02
71122
2
25
.02
71123
3
25
.02
711
Phillips TiN Coated Power Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size mm
lbs.
74101
1
50
.04
74105
2
50
.04
74108
3
50
.04
741
TiN - Titanium Nitride
TiN - Titanium Nitride
Phillips TiN Coated Insert Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size mm
lbs.
71141
1
50
.04
71142
2
50
.04
71143
3
50
.04
711
TiN - Titanium Nitride
TiN Coated Insert Bits, 1/4”
Item
No.
Size
mm
lbs.
71585
T5
25
.02
71586
T6
25
.02
71587
T7
25
.02
71588
T8
25
.02
71562
T9
25
.02
71563
T10
25
.02
71564
T15
25
.02
71565
T20
25
.02
71566
T25
25
.02
71569
T27
25
.02
71567
T30
25
.02
71568
T40
25
.02
715
TiN - Titanium Nitride
Wiha TiN Coated
Insert/Power Bits
• Tough, hard torsion quality with very
hard TiN coating
• Optimized torsion zone
• High wear resistance
Torsion
Zone
The abbreviation TiN stands for Titanium-
Nitride, which has a hardness up to 85 HRC.
This coating guarantees a high wear and
tear resistance.
71196
PokitPak - Phillips TiN Coated
Insert Bits In Molded Case -
Set Includes 6 - 1/4” Insert Bits
Phillips: 2 of each - 1, 2, 3
lbs. .31
71194
PokitPak - Phillips TiN Coated
Insert Bits In Molded Case -
Set Includes 6 - 1/4” Insert Bits
Phillips: 1 of each - #1, #3
Phillips: 4 of - #2
lbs. .32
TiN - Titanium Nitride
TiN - Titanium
Nitride
76087
61 Pc. Power Blade Service Kit, In
Durable Zipper Case Set includes Magnetizer/
Demagnetizer Bit Holding Handle, MicroBit
Storage Handle, 4mm to 1/4” Magnetic Adapter,
9 power blades, 46 bits & 3 nut setters.
Item No. 76087
lbs. 1.34
90mm Power Blades: Slotted: 4.5, 5.5, 6.0mm
Phillips: #1, 2, 3 & Square: #1, 2, 3
75mm Security
Bits: T10s, T15s,
T20s, T25s, T27s, T30s
MicroBits: Phillips: #000, 00, 0, 1, 2,
Slotted: .8, 1.2, 1.5, 1.8, 2.0, 2.5, 3.0, 3.5, 4.0mm
Hex Inch: .028, .035, .050, 1/16, 5/64, 3/32,
7/64, 1/8, 9/64, 5/32”
Hex Metric: 1.3, 1.5, 2.0, 2.5, 3.0, 4.0mm
: T1, T2, T3, T4, T5, T6, T7, T8, T9, T10
Magnetic Nut Setters: 1/4, 5/16, 3/8”
76098
36 Pc. Power Blade Set, In Durable
Belt Pack Set includes cushion grip CentroFix
Blade Holder & 35 interchangeable blades.
Item No. 76098
lbs. 1.86
Slotted: 2.5, 3.0, 4.5, 5.5, 6.0mm
Phillips: #0, 1, 2, 3
Security
: T8s, T9s, T10s, T15s,
T20s, T25s, T27s, T30s, T40s
Security Hex Metric: 2.5, 3.0, 4.0, 5.0mm
Pozidriv®: #1, 2, 3 & Square: #1, 2, 3
Spanner: #6, 8, 10 & Tri-Wing: #1, 2, 3, 4
Cushion Grip CentroFix Blade Holder
76099
37 Pc. Power Blade Set, In Durable
Belt Pack Set includes cushion grip CentroFix
Blade Holder & 36 interchangeable blades.
Item No. 76099
lbs. 2.06
Slotted: 2.5, 3.0, 4.5, 5.5, 6.0mm
Phillips: #0, 1, 2, 3
Security
: T8s, T9s, T10s, T15s,
T20s, T25s, T27s, T30s
Security Hex Inch: 1/16*, 5/64, 3/32, 7/64,
1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
Pozidriv®: #1, 2, 3 & Square: #1, 2, 3
4” Nut Setters: 1/4, 5/16, 3/8”
Cushion Grip CentroFix Blade Holder
* 1/16” Standard Inch Hex Only
Wiha 90mm Power Blade Sets
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com