データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

76563 データシート(PDF) 46 Page - Wiha Tools

部品番号 76563
部品情報  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WIHA [Wiha Tools]
ホームページ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76563 データシート(HTML) 46 Page - Wiha Tools

Back Button 76563 Datasheet HTML 42Page - Wiha Tools 76563 Datasheet HTML 43Page - Wiha Tools 76563 Datasheet HTML 44Page - Wiha Tools 76563 Datasheet HTML 45Page - Wiha Tools 76563 Datasheet HTML 46Page - Wiha Tools 76563 Datasheet HTML 47Page - Wiha Tools 76563 Datasheet HTML 48Page - Wiha Tools 76563 Datasheet HTML 49Page - Wiha Tools 76563 Datasheet HTML 50Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
46
Wiha Socket Sets On Molded Rails
10 pc. Security
Socket Set
1/4” Square drive replaceable bit socket.
1/4” Bits CVM tool steel.
Item
No.
lbs.
Set includes the following:
70195
.48
T7s, T8s, T9s, T10s, T15s,
T20s, T25s, T27s, T30s, T40s
70195
8 pc.
Socket Set
3/8” Square Drive Replaceable Bit Socket.
1/4” & 5/16” Bits CVM tool steel. OAL 1.65”
Item
No.
lbs.
Set includes the following:
76396
.84
1/4”: T20, T25, T27, T30, T40,
5/16”: T45, T50, T55
76396
8 pc.
Socket Set
3/8” Square Drive Replaceable Bit Socket.
Bits CVM tool steel. OAL 1.5”
Item
No.
lbs.
Set includes the following:
76395
.75
T9, T10, T15, T20, T25,
T27, T30, T40
76395
10 pc.
Socket Set
1/4” Square Drive Replaceable Bit Socket.
Bits CVM tool steel. OAL 1.5”
Item
No.
lbs.
Set includes the following:
76191
.49
T7, T8, T9, T10, T15,
T20, T25, T27, T30, T40
76191
Security Torx®
6 pc.
Socket Set
1/4” Square Drive Replaceable Bit Socket.
Bits CVM tool steel.
Item No.
76194
lbs.
Set includes the following:
.20
T10, T15, T20, T25, T27, T30
76194
8 pc.
Socket Set On
Rail, In Vinyl Pouch 1/4” & 3/8” Square Drive
Replaceable Bit Socket. Bits CVM tool steel.
Item
No.
lbs.
Set includes the following:
71698
.60
1/4”: IP9, IP10, IP15, IP20
3/8”: IP25, IP27, IP30, IP40
71698
9 pc. Security
Socket Set
1/4” & 3/8” Sq. Drive Replaceable Bit Socket.
1/4” & 5/16” Bits CVM tool steel.
Item
No.
lbs.
Set includes the following:
76397
.85
1/4”: T10s, T15s, T20s,
T25s, T27s, T30s
3/8”: T40s (1/4” bit)
3/8”: T45s, T50s (5/16” bit)
76397
12 pc. Security
Socket Set
1/4” & 3/8” Square Drive Replaceable Bit
Socket. 1/4” & 5/16” Bits CVM tool steel.
Item No.
76399
lbs.
Set includes the following:
.80
1/4”: T7s, T8s, T10s, T15s,
T20s, T25s, T27s, T30s, T40s
5/16”: T45s, T50s, T55s
76399
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com