データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

76563 データシート(PDF) 40 Page - Wiha Tools

部品番号 76563
部品情報  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WIHA [Wiha Tools]
ホームページ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76563 データシート(HTML) 40 Page - Wiha Tools

Back Button 76563 Datasheet HTML 36Page - Wiha Tools 76563 Datasheet HTML 37Page - Wiha Tools 76563 Datasheet HTML 38Page - Wiha Tools 76563 Datasheet HTML 39Page - Wiha Tools 76563 Datasheet HTML 40Page - Wiha Tools 76563 Datasheet HTML 41Page - Wiha Tools 76563 Datasheet HTML 42Page - Wiha Tools 76563 Datasheet HTML 43Page - Wiha Tools 76563 Datasheet HTML 44Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
40
Item
No.
Size mm Inch mm Inch lbs. pkg.
52650 1/4” 125 5.0 244 9.6 .24 1
1/4
” Bit holding Screwdriver,
With Wiha MicroFinish Handle Retainer out of
stainless steel. Shaft CVM steel, nickel-plated.
Wiha-MicroFinish handle, cellulose-acetate,
impact resistant, non-slip, oil & grease resistant.
52650
Bit Holder With Wiha T-handle
Retainer out of stainless steel. Wiha-T-handle
high quality plastic, impact resistant.
Item
No.
Size mm Inch mm Inch lbs. pkg.
38800 1/4” 150 6.0 80 3.0 .18 1
38800
Item
No.
Size mm Inch mm Inch lbs. pkg.
48401 1/4” 125 5.0 211 8.3 .24 1
1/4
” Bit holding Screwdriver, With
Wiha Ergo 3K Handle Magnetic, holds bit and
screw. Retainer out of stainless steel. Shaft
CVM tool steel, nickel plated.
48401
1/4” Magnetic Bit Holding Drivers,
With Wiha SoftFinish® Handle Ergonomic
cushion grip, magnetic, holds bit and screw.
Shaft CVM steel, nickel-plated.
Item
No.
Size mm Inch mm Inch lbs.
38450 1/4” 125 5.0
240 9.46 .23
38460 1/4” 300 11.8 400 15.69 .37
384
Magnetic
ClicFix Quick Release Magnetic
Bit Holder Blade high alloy CVM steel,
hardened, hard chromed. Wiha Powerhandle
impact resistant.
Item
No.
Size mm Inch mm Inch lbs. pkg.
38030 1/4” 120 4.7 230 9.0 .27 1
38030
Wiha Bit Holders
Bit Holder 1/4” with Retaining Ring
With Flexible Shaft Wiha-SoftFinish® handle
multi-component, cushion grips.
Item
No.
Inch mm Inch mm Inch lbs. pkg.
38600 1/4” 150 5.9 268 10.6 .30 1
38600
Magnetic 1/4” Bit Holder With Wiha
SoftFinish® Stubby Handle Stainless steel
with strong magnet. Wiha-SoftFinish® handle
multi-component, cushion grips.
Item
No.
Inch mm Inch lbs. pkg.
28103
1/4” 57
2.2
.11 1
28103
Drive-Loc VI Bit Holder
High alloy CVM steel, through hardened,
hard chrome finish. Wiha-SoftFinish® handle
multi-component, cushion grips.
Item
No.
Inch Extends
lbs. pkg.
28489
1/4” 1-3/4” to 4-7/8” .36 1
28489
1/4
” Bit Holding Screwdriver, With
Wiha Proturn Handle Magnetic, holds bit and
screw. Shaft CVM steel, nickel-plated. Handle,
molded on, impact resistant.
48400
Item
No.
Size mm Inch mm Inch lbs. pkg.
48400 1/4 125 5.0 243 9.6 .24 10
Adjustable Blade Length
Magnetic Bit Holder
66850 1/4” Bit Holding Screwdriver, With
Wiha Proturn Precision handle. Magnetic,
holds bit and screw. Retainer out of stainless
steel. Shaft CVM steel, nickel-plated.
Item
No.
Size mm Inch mm Inch lbs.
66850
1/4” 60 2.36 170 6.7 .07
Hex shaft CVM
steel, nickel-plated
Magnetic, holds
bit and screw
Plastic coated
flexible metal
with stainless steel retaining ring
For working in confined spaces
Retainer out of stainless steel
Holds bit and screw
Non-slip grip, magnetic
Retainer out of stainless steel
Wiha SoftFinish Pistol
Ratchet & Adapters
Pistol Ratchet Power Bit Holder
1/4” Drive Bits - Magnetic Shaft CVM steel,
hardened, corrosion protected.
Item
No.
Size mm mm lbs. pkg.
39251
1/4
6.0 50
.04 1
39251
Adapters For
Pistol Ratchets
Pistol Ratchet Socket Adapter 1/4”
Square Sockets Shaft CVM steel, hardened,
corrosion protected.
Item
No.
Size mm
lbs.
pkg.
39256
1/4
53
.04
1
39256
Pistol Ratchet Socket Adapter 3/8”
Square Sockets Shaft CVM steel, hardened,
corrosion protected.
Item
No.
Size mm
lbs.
pkg.
39257
3/8 53
.06
1
39257
Pistol Ratchet Adapter Fits
Drive-Loc VI Blades Shaft CVM steel,
hardened, corrosion protected.
Item
No.
Size mm
lbs.
pkg.
39258
6.0 59
.04
1
39258
SoftFinish Pistol Ratchet
Finely serrated ratchet with 72 teeth enables
5° switching angle. SoftFinish cushion grip
handle for high torque.
Item
No.
Size mm Inch mm Inch lbs. pkg.
39210 6.0 107 4.2 121 4.8 .42
1
39210
Bit Holder in the
handle can hold
up to 6 bits
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com