データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

76564 データシート(PDF) 21 Page - Wiha Tools

部品番号 76564
部品情報  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WIHA [Wiha Tools]
ホームページ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76564 データシート(HTML) 21 Page - Wiha Tools

Back Button 76564 Datasheet HTML 17Page - Wiha Tools 76564 Datasheet HTML 18Page - Wiha Tools 76564 Datasheet HTML 19Page - Wiha Tools 76564 Datasheet HTML 20Page - Wiha Tools 76564 Datasheet HTML 21Page - Wiha Tools 76564 Datasheet HTML 22Page - Wiha Tools 76564 Datasheet HTML 23Page - Wiha Tools 76564 Datasheet HTML 24Page - Wiha Tools 76564 Datasheet HTML 25Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21
Ball End Hex SoftFinish® CushionGrip
Stubby Bit Holder with Wiha cushion grip
handle and CVM tool steel shaft.
Set Includes The Following 1/4” Bits:
lbs.
Ball End Hex Inch: 1/8, 9/64, 5/32,
.21
3/16, 7/32, 1/4”
38056
71399
Bit-Selector With Metric & Inch
MagicRing Insert 1/4” Bits Set Includes
Magnetic 1/4” Bit Holder & The Following
10 Bits: No Ball End
lbs. .46
Hex Metric:
3.0, 4.0, 5.0, 6.0mm
Hex Inch: 1/8, 9/64, 5/32,
3/16, 7/32, 1/4”
MagicRing
79276
Bit-Selector With Ball End Hex Inch
Bits Includes Magnetic 1/4” Bit Holder
& The Following 8 Bits:
lbs. .30
Ball End Hex Inch: 3/32, 7/64, 1/8,
9/64, 5/32, 3/16, 7/32, 1/4”
74989
Power Bit Belt Pack With Screw
Holding Hex MagicRing Bits Includes The
Following 10 Bits:
lbs. .34
Inch: 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
Metric: 3.0, 4.0, 5.0, 6.0mm
74999 Power Bit Belt Pack With Ball End
Screw Holding Hex Bits
lbs. .37
Inch: 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
Metric: 3.0, 4.0, 5.0, 6.0mm
Wiha MagicRing Hex Inch & Metric Bit Sets
Wiha Ball End Hex
Inch & Metric Bit Sets
Screw Holding
Wiha Security Hex Inch & Metric Power Blades
Security Hex Metric Power Blades
S2 modified tool steel. Hardened & tempered
to HRC 60. Blades fit CentroFix power blade
handle. OAL 90mm/3.5”.
Item
No.
mm
lbs.
pkg.
76001
2.5
.02
1
76002
3.0
.02
1
76003
4.0
.03
1
76004
5.0
.04
1
760
4 Piece Security Hex Blade Set
Item
Set includes:
No.
lbs.
Metric: 2.5, 3.0,
76090
.12
4.0, 5.0 x 90mm
76090
Security Hex Inch Power Blades
OAL 90mm/3.5”.
Item
No.
Inch
lbs.
pkg.
76045*
1/16
.01
1
76046
5/64
.01
1
76047
3/32
.02
1
76048
7/64
.02
1
76049
1/8
.03
1
76050
9/64
.03
1
76051
5/32
.04
1
76052
3/16
.04
1
76053
7/32
.05
1
76054
1/4
.06
1
*1/16” Standard
Inch Hex Only
760
10 Piece Security Hex Blade Set
Item
Set includes:
No.
lbs.
Inch: 1/16*, 5/64, 3/32, 7/64,
76096
.32
1/8, 9/64, 5/32, 3/16,
7/32, 1/4” x 90mm
*1/16” Standard Inch Hex Only
76096
76000 CentroFix Cushion Grip Blade Holder
Wiha-SoftFinish® impact resistant, with roll off
protection. Quick release bit holder with magnet.
Item
No.
mm mm Inch mm Inch lbs.
76000
6.0 149 5.9 34.6 1.36 .26
Wiha Power Blade Holder
Wiha Square Power Blades
Square Power Blades
OAL 90mm/3.5”.
Item
No.
Size
lbs.
pkg.
76056
1
.02
1
76057
2
.03
1
76058
3
.04
1
760
3 Piece Square Blade Set
Item
Set includes:
No.
lbs.
Square: #1, 2,
76095
.11
3 x 90mm
76095
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com