データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

76564 データシート(PDF) 41 Page - Wiha Tools

部品番号 76564
部品情報  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WIHA [Wiha Tools]
ホームページ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76564 データシート(HTML) 41 Page - Wiha Tools

Back Button 76564 Datasheet HTML 37Page - Wiha Tools 76564 Datasheet HTML 38Page - Wiha Tools 76564 Datasheet HTML 39Page - Wiha Tools 76564 Datasheet HTML 40Page - Wiha Tools 76564 Datasheet HTML 41Page - Wiha Tools 76564 Datasheet HTML 42Page - Wiha Tools 76564 Datasheet HTML 43Page - Wiha Tools 76564 Datasheet HTML 44Page - Wiha Tools 76564 Datasheet HTML 45Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Item
No.
Size mm Inch mm Inch lbs. pkg.
38015 1/4” 120 4.7 230 9.0 .25 1
41
Magnetic Bit Holder, 1/4”,
Wiha-Powerhandle impact resistant. Snap-lock
rotatable cap. Chambered bit holder equipped
with transparent selector for easy selection of bits.
1/4” bit holder, stainless steel, magnetic, holds
bit and screw. Shaft CVM steel.
38015
Magnetic Bit Holder, 1/4”,
Wiha-Powerhandle, Insulated, impact resistant.
Snap-lock rotatable cap. Chambered bit holder
equipped with transparent selector for easy
selection of bits. 1/4” bit holder, shielded,
magnetic, holds bit and screw.
Item
No.
Size mm Inch mm Inch lbs. pkg.
38025 1/4” 120 4.7 230 9.0 .26 1
38025
(bits not included)
(bits not included)
Proturn 1/4” Quick Release Bit Holder
Item
No.
Size
mm
Inch
lbs.
71475
2.4”
60
2.4
.06
71476
3.9”
100
3.9
.09
71477
5.9”
150
5.9
.11
71478
7.9”
200
7.8
.14
71479
9.9”
250
9.8
.17
5 Pc. Proturn 1/4” Quick Release
Bit Holder Set With magnets
Includes: 60mm, 100mm,
lbs.
150mm, 200mm, 250mm
.58
714
71474
Holds
6 bits
With magnets
Holds
6 bits
Universal Magnetic Bit Holder,
1/4” For Insert Bits
Item
No.
Size Size mm Inch lbs.
71130
1/4” 1/4”
74
2.9
.06
71131
1/4” 1/4”
59
2.3
.05
711
Screw Cap Bit Holder with O-Ring
Item
No.
Size Size mm Inch lbs.
71492
1/4” 1/4” 62 2.4 .10
71493
1/4” 1/4” 76 3.0 .10
714
Holds 1” (25mm) Bits
All Stainless with Rubber
O-Ring
Bit Holder, Retaining Ring & Magnetic
Item
No.
Size Size mm
Inch lbs.
71431
1/4” 1/4”
60
2.4
.05
71433
1/4” 1/4”
67
2.6
.05
71435
1/4” 1/4”
100
3.9
.07
71437
1/4” 1/4”
150
5.9
.11
71439
1/4” 1/4”
200
7.8
.13
71441
1/4” 1/4”
253
10.0 .16
5 Pc. Bit Holder Set In Vinyl Pouch
Includes: 60mm, 100mm,
lbs.
150mm, 200mm, 253mm
.60
714
Retaining Ring
Bit Holders
Magnetic
71499
Wiha Bit Holders
Auto Lock Magnetic Bit Holder,
Spring Loaded Bit Ejection,
1/4” For Insert & Power Bits
Item
No.
Size Size mm Inch lbs.
71470
1/4” 1/4”
60
2.4
.08
71470
Stainless Steel Bit Holder,
1/4” For Insert Bits
Internal C-ring for bit holding & magnet.
Item
No.
Size Size mm
Inch
lbs.
71
494
1/4”
1/4”
54
2.1”
.05
71494
Rated to
70Nm / 600 In.lbs.
“SlimFix” Impact Rated Locking
1/4” Bit Holder For 1/4” Insert Bits Faster,
sleeker, more productive “SlimFix” for instant
bit changes. Just 10.9mm / 0.42 Diameter. Bit
Locks securely in place. CV hardened sleeve.
Item
No.
Size Size mm Inch lbs.
71496
1/4” 1/4”
66.5 2.62 .06
71496
“SlimFix”
Impact Rated
4 pc. Color Coded Hex Inch Nut
Setter Set Powerful magnet for secure
holdingof fasteners. 6”/150mm OAL
Item No.
Set includes
70489
lbs.
the following:
.66
1/4, 5/16, 3/8, 7/16”
70489
Color Coded
Hex Inch Nut Setters
High visibility color coded for fast selection
Rugged corrosion resistant black oxide finish
www.wihatools.com
Non Magnetic
Magnetic
Non Magnetic
Magnetic
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com