データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

76564 データシート(PDF) 45 Page - Wiha Tools

部品番号 76564
部品情報  Professional Quality Bits
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WIHA [Wiha Tools]
ホームページ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76564 データシート(HTML) 45 Page - Wiha Tools

Back Button 76564 Datasheet HTML 41Page - Wiha Tools 76564 Datasheet HTML 42Page - Wiha Tools 76564 Datasheet HTML 43Page - Wiha Tools 76564 Datasheet HTML 44Page - Wiha Tools 76564 Datasheet HTML 45Page - Wiha Tools 76564 Datasheet HTML 46Page - Wiha Tools 76564 Datasheet HTML 47Page - Wiha Tools 76564 Datasheet HTML 48Page - Wiha Tools 76564 Datasheet HTML 49Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
45
Wiha Long Blade Sockets & Sets
Hex Inch Sockets
1/4” Drive 6” Long Bit Socket
Item
No.
Inch
Inch
lbs.
77128
3/32
6
.12
77130
7/64
6
.12
77132
1/8
6
.12
77134
9/64
6
.12
77136
5/32
6
.12
77138
3/16
6
.12
77139
7/32
6
.12
77141
1/4
6
.12
771
771
Sockets
3/8” Drive 6” Long Bit Socket
Item
No.
Size
Inch
lbs.
77101
T8
6
.12
77103
T9
6
.12
77105
T10
6
.12
77107
T15
6
.12
77109
T20
6
.12
77111
T25
6
.12
77113
T27
6
.12
77115
T30
6
.12
77117
T40
6
.12
771
Hex Metric Sockets
1/4” Drive 6” Long Bit Socket
Item
No.
mm
Inch
lbs.
77140
2.5
6
.12
77142
3.0
6
.12
77144
4.0
6
.12
77146
5.0
6
.12
77148
6.0
6
.12
77198 22 Pc. Hex &
Long Blade
Socket Set, 1/4” Drive
Inch Hex: 3/32, 7/64, 1/8, 9/64, 5/32,
3/16, 7/32, 1/4”
Metric Hex: 2.5, 3.0, 4.0, 5.0, 6.0mm
: T8, T9, T10, T15, T20,
T25, T27, T30, T40
lbs. 2.82
8 Pc. Hex Inch Socket Blade Set
Inch: 3/32, 7/64, 1/8, 9/64, 5/32,
3/16, 7/32, 1/4”
wt. .97
77191
5 Pc. Hex Metric Socket Blade Set
Metric: 2.5, 3.0, 4.0, 5.0, 6.0mm
lbs. .51
77192
9 Pc.
Socket Blade Set
: T8, T9, T10, T15, T20, T25,
T27, T30, T40
wt. 1.08
77195
Sockets
1/4” Drive 6” Long Bit Socket
Item
No.
Size
Inch
lbs.
77151
T8
6
.12
77153
T9
6
.12
77152
T10
6
.12
77154
T15
6
.12
77156
T20
6
.12
77158
T25
6
.12
77160
T27
6
.12
77162
T30
6
.12
77164
T40
6
.12
771
7 Pc.
Socket Blade Set
: T10, T15, T20, T25,
T27, T30, T40
wt. .69
77193
Hex Inch Sockets
3/8” Drive 6” Long Bit Socket
Item
No.
Inch
Inch
lbs.
77165
3/32
6
.12
77167
7/64
6
.12
77169
1/8
6
.12
77171
9/64
6
.12
77173
5/32
6
.12
77175
3/16
6
.12
77177
7/32
6
.12
77179
1/4
6
.12
771
Impact Bit Holding Socket With
Retaining Ring For 5/16” drive bits.
Item
No.
Bit
mm Drive lbs.
72004
5/16”
25
1/4”
.04
72005
5/16”
30
3/8”
.04
72006
5/16”
35
1/2”
.04
720
Impact Bit Holding Socket With
Retaining Ring For 1/4” drive insert bits.
Item
No.
Bit
mm
Drive lbs.
72001
1/4”
25
1/4”
.05
72002
1/4”
30
3/8”
.10
72003
1/4”
35
1/2”
.21
720
Hex To Square 1/4” socket bit adapter.
Item
No.
Size mm
Drive lbs.
72110
1/4” 25
1/4”
.03
72115
1/4” 30
3/8”
.05
721
Tool Shaft
1/4” drive socket power adapter.
Item
No.
Drive mm Drive lbs.
72401
1/4”
100
1/4”
.09
72405
1/4”
50
1/4”
.03
72410
1/4”
100
3/8”
.17
72415
1/4”
50
3/8”
.06
724
Socket Adapters
Impact Bit Holding Sockets
3 Piece Bit Holding Socket Set
for use with 1/4” insert bits
Drive:
lbs.
1/4”, 3/8”, 1/2”
.40
72090
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com