データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS1012A データシート(PDF) 21 Page - NXP Semiconductors

部品番号 LS1012A
部品情報  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A データシート(HTML) 21 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 17Page - NXP Semiconductors LS1012A Datasheet HTML 18Page - NXP Semiconductors LS1012A Datasheet HTML 19Page - NXP Semiconductors LS1012A Datasheet HTML 20Page - NXP Semiconductors LS1012A Datasheet HTML 21Page - NXP Semiconductors LS1012A Datasheet HTML 22Page - NXP Semiconductors LS1012A Datasheet HTML 23Page - NXP Semiconductors LS1012A Datasheet HTML 24Page - NXP Semiconductors LS1012A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Table 2-7. FRWY-LS1012A SerDes embedded devices (continued)
Manufacturer
Part number
Description
Lane supported
Speed
ANYTRONIC
CORPORATION
LIMITED
1J0E 42010R-2LF
• M.2 Type-E NGFF
NGFF slot
x1
5 Gbit/s
2.7 Ethernet controller
The LS1012A processor supports two Ethernet MACs, which connect to the onboard
PHYs using the SGMII protocols.
2.7.1 SGMII ports
The onboard Ethernet PHYs, Qualcomm AR8033 (U16 and U17), are connected to the
LS1012A processor EC1 and EC2 using the SGMII protocol over SerDes lane A and
SerDes lane B.
Chapter 2 FRWY-LS1012A Functional Description
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
NXP Semiconductors
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39