データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS1012A データシート(PDF) 13 Page - NXP Semiconductors

部品番号 LS1012A
部品情報  Layerscape LS1012A Freeway
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1012A データシート(HTML) 13 Page - NXP Semiconductors

Back Button LS1012A Datasheet HTML 9Page - NXP Semiconductors LS1012A Datasheet HTML 10Page - NXP Semiconductors LS1012A Datasheet HTML 11Page - NXP Semiconductors LS1012A Datasheet HTML 12Page - NXP Semiconductors LS1012A Datasheet HTML 13Page - NXP Semiconductors LS1012A Datasheet HTML 14Page - NXP Semiconductors LS1012A Datasheet HTML 15Page - NXP Semiconductors LS1012A Datasheet HTML 16Page - NXP Semiconductors LS1012A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Chapter 2
FRWY-LS1012A Functional Description
2.1 Processor
The FRWY-LS1012A includes the QorIQ LS1012A processor that features an advanced
64 bit Arm® Cortex®-A53 processor core with ECC-protected L1 and L2 cache
memories. The LS1012A also features data path acceleration and network, peripheral
interfaces required for networking, wireless infrastructure, and general purpose
embedded applications.
NOTE
For details about features of the LS1012A processor, see QorIQ
LS1012A Family Reference Manual
.
2.2 Power supplies
The FRWY-LS1012A power supplies (PS) provide all the voltages necessary for the
correct operation of the LS1012A processor, DDR3L, QSPI memory, and other onboard
peripherals.
The following figure shows the FRWY-LS1012A power supplies.
Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018
NXP Semiconductors
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39