| データシートサーチシステム |
|
LS1012A データシート(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LS1012A データシート(HTML) 6 Page - NXP Semiconductors |
|
6 / 39 page ![]() Some of these documents may be available only under a non-disclosure agreement (NDA). To request access to these documents, contact your local NXP field applications engineer or sales representative. Table 1-1. Related documentation Document Description QorIQ FRWY-LS1012A board Getting Started Guide Explains the FRWY-LS1012A settings and physical connections needed to boot the board. FRWY-LS1012A Errata Lists and describes all known errata for the FRWY-LS1012A. It also describes the available workaround for each errata and their detailed explanation, where necessary. QorIQ LS1012A Family Reference Manual Provides a detailed description of the LS1012A processor and of some of its features, such as memory mapping, interfaces, chip features, and clock information. QorIQ LS1012A Data Sheet Contains the LS1012A information on pin assignments, electrical characteristics, package information, and ordering information. LS1012A Chip Errata Lists the details of all known silicon errata for LS1012A. QorIQ LS1012A Design Checklist, AN5192 This document provides recommendations for new designs based on LS1012A. This document can also be used to debug newly-designed systems by highlighting those aspects of a design that merit special attention during initial system start-up. 1.3 Acronyms and abbreviations The following table lists the acronyms and abbreviations used in this document. Table 1-2. Acronyms and abbreviations Term Description DDR Double Data Rate UART Universal asynchronous receiver/transmitter DUT Device Under Test FET Field-effect transistor GPIO General-purpose input/output I2C Inter-Integrated Circuit Multi-Master Serial Computer Bus JTAG Joint Test Action Group (IEEE 1149.1 standard) LDO Low-dropout NGFF Next Generation Form Factor OTG On-The-Go PCIe Peripheral Component Interconnect Express PLL Phased Lock Loop Table continues on the next page... Acronyms and abbreviations Layerscape LS1012A Freeway (FRWY-LS1012A) Board Reference Manual, Rev. 0, 04/2018 6 NXP Semiconductors |