データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10R272L データシート(PDF) 68 Page - STMicroelectronics

部品番号 ST10R272L
部品情報  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272L データシート(HTML) 68 Page - STMicroelectronics

Back Button ST10R272L Datasheet HTML 64Page - STMicroelectronics ST10R272L Datasheet HTML 65Page - STMicroelectronics ST10R272L Datasheet HTML 66Page - STMicroelectronics ST10R272L Datasheet HTML 67Page - STMicroelectronics ST10R272L Datasheet HTML 68Page - STMicroelectronics ST10R272L Datasheet HTML 69Page - STMicroelectronics ST10R272L Datasheet HTML 70Page - STMicroelectronics ST10R272L Datasheet HTML 71Page - STMicroelectronics ST10R272L Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 77 page
background image
68/77
ST10R272L - ELECTRICAL CHARACTERISTICS
6
Multiplexed bus modes have a MUX waitstate added after a bus cycle, and an additional
MTTC waitstate may be inserted here. For a multiplexed bus with MTTC waitstate this
delay is 2 CLKOUT cycles, for a demultiplexed bus without MTTC waitstate this delay is
zero.
7
The next external bus cycle may start here.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77