データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10R272L データシート(PDF) 70 Page - STMicroelectronics

部品番号 ST10R272L
部品情報  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272L データシート(HTML) 70 Page - STMicroelectronics

Back Button ST10R272L Datasheet HTML 66Page - STMicroelectronics ST10R272L Datasheet HTML 67Page - STMicroelectronics ST10R272L Datasheet HTML 68Page - STMicroelectronics ST10R272L Datasheet HTML 69Page - STMicroelectronics ST10R272L Datasheet HTML 70Page - STMicroelectronics ST10R272L Datasheet HTML 71Page - STMicroelectronics ST10R272L Datasheet HTML 72Page - STMicroelectronics ST10R272L Datasheet HTML 73Page - STMicroelectronics ST10R272L Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 77 page
background image
70/77
ST10R272L - ELECTRICAL CHARACTERISTICS
1
The ST10R272L will complete the running bus cycle before granting bus access.
2
This is the first opportunity for BREQ to become active.
3
The CS outputs will be resistive high (pullup) after t64.
Figure 25 External bus arbitration, releasing the bus
CLKOUT
HOLD
t61
HLDA
t63
Other
Signals
t66
1)
CSx
(On P6.x)
t64
1)
2)
BREQ
t62
3)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77