データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EN358 データシート(PDF) 18 Page - Honeywell Solid State Electronics Center

部品番号 EN358
部品情報  Fall Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HONEYWELL [Honeywell Solid State Electronics Center]
ホームページ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

EN358 データシート(HTML) 18 Page - Honeywell Solid State Electronics Center

Back Button EN358 Datasheet HTML 14Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 15Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 16Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 17Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 18Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 19Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 20Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 21Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 22Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
QUALITY PRODUCTS
North s self retracting lifelines (SRL) continue to provide versatile
performance for fall arrest. Robust design, a variety of lifeline
lengths and corrosion resistant alloy housing means your SRL
investment will go a long way. Units can be equipped with stain-
less steel or galvanized steel cable. Note: stainless steel cable is
ideal for the food industry and environments involving chemicals.
All are equipped with a load indicator that triggers to show the
unit has been subjected to a severe force.
FP3/333
FP3/343
FP2/315
FP1/305
SELF-RETRACTING LIFELINES
Small housing
Length
Weight
FP1/305W
25 mm nylon webbing with swivel snap hook
5 metres
3.7kgs
FP1/305G
5 mm galvanized cable with swivel snap hook
5 metres
4.2kgs
FP1/305S
5 mm stainless cable with swivel snap hook
5 metres
4.3kgs
Regular housing
FP2/310G
5 mm galvanized cable with swivel snap hook
10 metres
7.2kgs
FP2/310S
5 mm stainless cable with swivel snap hook
10 metres
7.3kgs
FP2/315G
5 mm galvanized cable with swivel snap hook
15 metres
7.7kgs
FP2/315S
5 mm stainless cable with swivel snap hook
15 metres
8.2kgs
Large housing
FP3/320G
5 mm galvanized cable with swivel snap hook
20 metres
13.2kgs
FP3/320S
5 mm stainless cable with swivel snap hook
20 metres
13.4kgs
FP3/325G
5 mm galvanized cable with swivel snap hook
25 metres
13.7kgs
FP3/325S
5 mm stainless cable with swivel snap hook
25 metres
14.0kgs
FP3/333G
5 mm galvanized cable with swivel snap hook
33 metres
14.5kgs
FP3/333S
5 mm stainless cable with swivel snap hook
33 metres
15.0kgs
Large housing with tandem spring:
FP3/343G
5 mm galvanized cable with swivel snap hook
43 metres
19.0kgs
FP3/343S
5 mm stainless cable with swivel snap hook
43 metres
20.1kgs
The range that North produces is of a modular design. The blocks
are available in 3 (maximum) cable lengths: 5 metres, 15 metres,
33 metres (43 metres in special design). The materials used are
characterised by a high corrosion resistance, a high strength and a
relatively low weight. The blocks are constructed in a way that
they can be disassembled and hence maintained. These features
all ensure a wide usability and a long lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com