データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EN358 データシート(PDF) 21 Page - Honeywell Solid State Electronics Center

部品番号 EN358
部品情報  Fall Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HONEYWELL [Honeywell Solid State Electronics Center]
ホームページ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

EN358 データシート(HTML) 21 Page - Honeywell Solid State Electronics Center

Back Button EN358 Datasheet HTML 16Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 17Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 18Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 19Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 20Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 21Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 22Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 23Page - Honeywell Solid State Electronics Center EN358 Datasheet HTML 24Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
An emergency descent for evacuation or rescue purposes requires a device you can depend on. You rely
on it to work smoothly, safety and without the need of specialized skills to get you to a safe place out of
harm s way. North has two option s to choose from providing a safe, controlled descent speed for use of
single or multiple descents. All operate at approximately 2 metres per second and are suitable for use
over land and water. All are certified for use as automatic descenders.
¥ Self-retracting lifeline with descent brake for use in case
rescue is not possible (after an arrested fall). Also to be used
for single person evacuation. This type of descender has a
SRL type back-up brake.
¥ Can be stored on site — attached to anchorage in standby
ready to use format.
¥ Must be used with a descent equipped full body harness.
FP4/5100W
FP4/5100DD
FP4/5100DDH
FP3/533D
Type
Description
Length
FP2/515GD
5 mm galvanized cable
15 metres
FP2/515SD
5 mm stainless cable
15 metres
FP3/533GD
5 mm galvanized cable
33 metres
FP3/533SD
5 mm stainless cable
33 metres
FP2/515D
RETRACTABLE AUTOMATIC DESCENDER
¥ Continuous rope system
provides multiple person
evacuation capability.
¥ One connector travels up
to the next user while the
current user descends.
¥ Can be stored on site —
attached to an anchorage
in standby or ready to use
format.
¥ Must be used with a descent
equipped full body harness.
¥ 9 mm static kernmantle
rope
with karabiners.
21
FP4/5100DR
Type
Description
FP4/5100W
Automatic rope descender with single descent break
FP4/5100DD
Automatic rope descender with double descent break, for multiple person evacuation
FP4/5100DR
Automatic rope descender with descent break and rescue winch
FP4/5100DDH Automatic rope descender with double descent break and hand break
AUTOMATIC EVACUATION ROPE DESCENDER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com