| データシートサーチシステム |
|
ST18952 データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST18952 データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 67 page ![]() 28/66 ST18952 The current priority levels available are shown in below. An interrupt request is acknowledged when its priority level (coded in the IPR register) is higher than the current priority level. In this case, the current priority level becomes the interrupt priority level and the previous current priority level is pushed onto the stack and displayed as stack priority level (SPL)1. The process is repeated over a range of four interrupt requests and the four previous current stack priority levels are displayed on SPL1, SPL2, SPL3 and SPL4. If less than four interrupts are pushed onto the stack, the unused SPL words are set to ‘000’. At the end of the interrupt routine, the priority levels are popped from the stack. The empty stack (ES) flag is used to indicate whether the stack is used or not. The ISP word of the ISP register indicates the depth of the stack (see below). Figure 8.2 ICR and ISPR Operation Priority level Coding Acceptable IT level priority - 1 111 0,1,2,3 0 000 1,2,3 1 001 2,3 2 010 3 3 011 Reserved 100 - 110 SPL4 SPL3 SPL2 SPL1 ES CPL INTERRUPT LEVEL 2 PROGRAM PROGRAM IT2 PROGRAM IT3 IT2 IT3 INTERRUPT LEVEL 3 XX X X 1 -1 SPL4 SPL3 SPL2 SPL1 ES CPL XX X -1 0 2 SPL4 SPL3 SPL2 SPL1 ES CPL XX -1 2 0 3 01 2 ISP ISP ISP ICR ISPR |