データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST18952 データシート(PDF) 52 Page - STMicroelectronics

部品番号 ST18952
部品情報  DIGITAL SIGNAL PROCESSOR DSP CHIP
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST18952 データシート(HTML) 52 Page - STMicroelectronics

Back Button ST18952 Datasheet HTML 48Page - STMicroelectronics ST18952 Datasheet HTML 49Page - STMicroelectronics ST18952 Datasheet HTML 50Page - STMicroelectronics ST18952 Datasheet HTML 51Page - STMicroelectronics ST18952 Datasheet HTML 52Page - STMicroelectronics ST18952 Datasheet HTML 53Page - STMicroelectronics ST18952 Datasheet HTML 54Page - STMicroelectronics ST18952 Datasheet HTML 55Page - STMicroelectronics ST18952 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
52/66
ST18952
Table 15.5
Bus control timing data
Control I/O electrical characteristics
Figure 15.4
Control I/O timing diagram
Table 15.6
Control I/O timing diagram
No
Parameter
Min (ns)
Typ (ns)
Max (ns)
t0
Master clock cycle time
7.5
t11
DTACK high setup
t0/4
t12
DTACK low setup
t0/4
t13
DTACK high hold
0
No
Parameter
Min (ns)
Typ (ns)
Max (ns)
t0
Master clock cycle time
7.5
t14
CONTROL_IN setup
6.0
t15
CONTROL_OUT high/low delay
3.0
CLKOUT
MCLK
t15
t0
CONTROL_IN
CONTROL_OUT
t14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67