データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AR027300MR-R データシート(PDF) 3 Page - PUI audio inc.

部品番号 AR027300MR-R
部品情報  Released from Engineering
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PUIAUDIO [PUI audio inc.]
ホームページ  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AR027300MR-R データシート(HTML) 3 Page - PUI audio inc.

  AR027300MR-R Datasheet HTML 1Page - PUI audio inc. AR027300MR-R Datasheet HTML 2Page - PUI audio inc. AR027300MR-R Datasheet HTML 3Page - PUI audio inc. AR027300MR-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2020, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
96 hours at +60°C ± 2°C
Low Temperature Test
96 hours at -20°C ± 2°C
Humidity Test
48 hours at +40°C ± 2°C with relative humidity at 90-95% relative
humidity
Temperature Cycle Testing
The part shall be subjected to 5 cycles.
Vibration Test
Frequency 30 ± 15 Hz, Amplitude 1.5 mm for 3 hours
Drop Test
75 cm free fall on concrete floor, 10 times
Load Test and Max Power Test
White noise is applied at the speakers rated power for 96 hours at
room temperature
After each test, the speaker’s SPL shall be ±3 dB of the original SPL after 6 hours of recovery.
Dimensions
Red dot side with positive polarity



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com