データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AR027300MR-R データシート(PDF) 1 Page - PUI audio inc.

部品番号 AR027300MR-R
部品情報  Released from Engineering
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PUIAUDIO [PUI audio inc.]
ホームページ  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AR027300MR-R データシート(HTML) 1 Page - PUI audio inc.

  AR027300MR-R Datasheet HTML 1Page - PUI audio inc. AR027300MR-R Datasheet HTML 2Page - PUI audio inc. AR027300MR-R Datasheet HTML 3Page - PUI audio inc. AR027300MR-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2020, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AR027300MR-R
Specifications
Parameters
Values
Units
Rated Input Power
15
mWatts
Max Input Power
30
mWatts
Impedance
300 ± 15%
Ohms
Sensitivity (SPL @ 1kHz)
2.12Vrms with IEC 318 coupler
110 ± 3
dB Pa/V
Resonant Frequency
(179mV in free air)
400 ± 20%
Hz
Magnet Material
NdFeB
-
Diaphragm Material
Mylar
-
Weight
2.3
Grams
Environmental Protection Rating
ROHS/REACH
-
Buzz, Rattle, etc.
Should not be audible with 2.12
Vrms sine wave from Fo to 10 kHz
-
Polarity
When positive voltage is applied
to the positive terminal, the
diaphragm will move outward
-
Operating Temperature
-20 ~ +60
°C
Storage Temperature
-30 ~ +60
°C


同様の部品番号 - AR027300MR-R

メーカー部品番号データシート部品情報
logo
PUI audio inc.
AR027150MR-2-R PUIAUDIO-AR027150MR-2-R Datasheet
269Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AR027150MR-R PUI-AR027150MR-R Datasheet
216Kb / 1P
Receiver
More results

同様の説明 - AR027300MR-R

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AT-2428-TWT-R ETC2-AT-2428-TWT-R Datasheet
202Kb / 1P
RELEASED FROM ENGINEERING
logo
Projects Unlimited, Inc...
AI-1223-TWT-5V-2-R PUI-AI-1223-TWT-5V-2-R Datasheet
183Kb / 1P
RELEASED FROM ENGINEERING
AI-1223-TWT-12V-R PUI-AI-1223-TWT-12V-R Datasheet
256Kb / 1P
RELEASED FROM ENGINEERING
AI-2304-TF-LW120-R PUI-AI-2304-TF-LW120-R Datasheet
184Kb / 1P
RELEASED FROM ENGINEERING
AB2720B-LW100-R PUI-AB2720B-LW100-R Datasheet
204Kb / 1P
RELEASED FROM ENGINEERING
AB2734B-LW100-R PUI-AB2734B-LW100-R Datasheet
182Kb / 1P
RELEASED FROM ENGINEERING
AOM-4546P-NF-R PUI-AOM-4546P-NF-R Datasheet
1Mb / 1P
RELEASED FROM ENGINEERING
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
RELEASED FROM ENGINEERING
AT-1438-TWT-R PUI-AT-1438-TWT-R Datasheet
251Kb / 1P
RELEASED FROM ENGINEERING
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
RELEASED FROM ENGINEERING
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com