データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST40RA150XHA データシート(PDF) 83 Page - STMicroelectronics

部品番号 ST40RA150XHA
部品情報  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA データシート(HTML) 83 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 79Page - STMicroelectronics ST40RA150XHA Datasheet HTML 80Page - STMicroelectronics ST40RA150XHA Datasheet HTML 81Page - STMicroelectronics ST40RA150XHA Datasheet HTML 82Page - STMicroelectronics ST40RA150XHA Datasheet HTML 83Page - STMicroelectronics ST40RA150XHA Datasheet HTML 84Page - STMicroelectronics ST40RA150XHA Datasheet HTML 85Page - STMicroelectronics ST40RA150XHA Datasheet HTML 86Page - STMicroelectronics ST40RA150XHA Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 94 page
background image
A Interconnect architecture
ST40RA
83/94
STMicroelectronics
ADCS 7260755H
A.2.3
EMI arbiter
LMI2_LATENCY_GPDMA
LMI2 arbiter: GPDMA intitiator priority and latency
0x130
[3:0]
GPDMA_PRIORITY
Defines priority for GPDMA
Reset: 0x1
RW
[15:4]
Reserved
[23:16]
GPDMA_LATENCY
Defines maximum accepted latency for GPDMA
Reset: 0x00
RW
[31:24]
Reserved
LATENCY_EMI_ENABLE
EMI arbiter: enable latency counters
0x210
0
Reserved
Reset: Always 0
1
ENABLE_PCI
Enable latency check for PCI
Reset: 0
RW
2
ENABLE_EMPI
Enable latency check for EMPI
Reset: 0
RW
3
ENABLE_GPDMA
Enable latency check for GPDMA
Reset: 0
RW
[31:4]
Reserved
Reset: Always 0
EMI_CPU_PRI
EMI arbiter: CPU priority
0x218
[3:0]
CPU_PRIORITY
Defines priority for CPU
Reset: 0x3
RW
[31:4]
Reserved
EMI_LATENCY_PCI
EMI arbiter: PCI intitiator priority and latency
0x220
[3:0]
PCI_PRIORITY
Defines priority for PCI
Reset: 0x2
RW
[15:4]
Reserved
[23:16]
PCI_LATENCY
Defines maximum accepted latency for PCI
Reset: 0x00
RW
[31:24]
Reserved
EMI_LATENCY_EMPI
EMI arbiter: EMPI intitiator priority and latency
0x228
[3:0]
EMPI_PRIORITY
Defines priority for EMPI
Reset: 0x1
RW
[15:4]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94