| データシートサーチシステム |
|
ST40RA150XHA データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST40RA150XHA データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 94 page ![]() 5 System configuration ST40RA 25/94 STMicroelectronics ADCS 7260755H 5.9.2 LMI.COC LMI.COC LMI clock and pad control 0x028 LMI.COC allows modification of the glue logic. 0 DLY_SRC Delay line control source 0: DLL provides delay line control 1: LMI.CFG[5:1] provides delay line control Reset: 0 RW [5:1] DLY_NUM Number of delays (~200ps each) Reset: 0 RW [7:6] DLY_FRQ_RES External delay frequency resolution Reset: 0 RW 19:8] PLL_SETUP PLL setup Reset: 0 RW [21:20] DLL_PRO_CON DLL programmer control Reset: 0 RW 22 FRQ_RES_SRC Frequency resolution source of external delay 0: DLL provides frequency resolution 1: LMI.CFG[7:6] provides frequency resolution Reset: 0 RW 23 PLL_SETUP PLL setup Reset: 0 RW 24 DLL_PRO_SRC DLL programmer source 0: Delay programmer block provides DLL programming 1: LMI.CFG[21:20] provides DLL programming Reset: 0 RW [30:25] Reserved 31 DLL_ENB DLL enable Reset: 0 RW |