| データシートサーチシステム |
|
ST40RA150XHA データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST40RA150XHA データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 94 page ![]() 6 Clock generation ST40RA 39/94 STMicroelectronics ADCS 7260755H 6.6.1 CLOCKGENB.CLK_SELCR register CLOCKGENB.CLK_SELCR Clock source selection 0x0068 The CLKGENB.CLK_SELCR register controls the selection of clock domain clock sources 0 LMI_SEL Reserved Reset state: 0 1 PCI_SEL Select PCI clock 0: PCI_SS_CLK from CLOCKGENA_12 1: PCI_SS_CLK from CLOCKGENA_13 Reset state: 0 RW [2:3] EMI_SEL Select EMI clock 00: EMI_SS_CLK from CLOCKGENA_12 01: EMI_SS_CLK from CLOCKGENA_13 10: EMI_SS_CLK from CLOCKGENA_14 11: EMI_SS_CLK from CLOCKGENB_12 Reset state: 00 RW [4:7] EXT_CLK_SEL Not used Reset state: 0000 [8:31] Reserved Reset state: 0 RW |