データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72411R データシート(PDF) 40 Page - STMicroelectronics

部品番号 ST72411R
部品情報  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R データシート(HTML) 40 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 36Page - STMicroelectronics ST72411R Datasheet HTML 37Page - STMicroelectronics ST72411R Datasheet HTML 38Page - STMicroelectronics ST72411R Datasheet HTML 39Page - STMicroelectronics ST72411R Datasheet HTML 40Page - STMicroelectronics ST72411R Datasheet HTML 41Page - STMicroelectronics ST72411R Datasheet HTML 42Page - STMicroelectronics ST72411R Datasheet HTML 43Page - STMicroelectronics ST72411R Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
ST72411R
40/71
5.4 32 x 4 LCD DRIVER
5.4.1 Introduction
The LCD driver controls up to 32 segments and 4
backplanes for driving up to 32x4 (128) LCD seg-
ments.
The LCD input clock can be divided by a selected
ratio depending on the required frame frequency.
The parameters to display are stored in a 16-bytes
LCD dual port RAM.
The peripheral can be switched off by software to
reduce power consumption when not in use.
No external capacitor/resistor network is required
as it is integrated on the chip.
Figure 31. LCD Driver Block Diagram
fosc/2
fLCD
COM2
LCD RAM
32x4 bits
COM
MUX 128 to 32
fLCD
COM[3:0]
DRIVERS
COM3
COM1
COM0
...
SEG
DRIVERS
SEG31
SEG0
fLCD
COM[3:0]
Address Bus
Data Bus
VDD
VSS
SEG[31:0]
FREQUENCY
SELECTION
RING
COUNTER
REFERENCE VOLTAGE
GENERATOR
To COM and SEG Drivers
4
Vss
2VDD/3
VDD
VDD/3
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71