| データシートサーチシステム |
|
ST72F262G2M6 データシート(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F262G2M6 データシート(HTML) 77 Page - STMicroelectronics |
|
77 / 171 page ![]() ST72260G, ST72262G, ST72264G 77/171 SERIAL PERIPHERAL INTERFACE (Cont’d) 11.4.3.3 Master Mode Operation In master mode, the serial clock is output on the SCK pin. The clock frequency, polarity and phase are configured by software (refer to the description of the SPICSR register). Note: The idle state of SCK must correspond to the polarity selected in the SPICSR register (by pulling up SCK if CPOL=1 or pulling down SCK if CPOL=0). To operate the SPI in master mode, perform the following two steps in order (if the SPICSR register is not written first, the SPICR register setting may be not taken into account): 1. Write to the SPICSR register: – Select the clock frequency by configuring the SPR[2:0] bits. – Select the clock polarity and clock phase by configuring the CPOL and CPHA bits. Figure 51 shows the four possible configurations. Note: The slave must have the same CPOL and CPHA settings as the master. – Either set the SSM bit and set the SSI bit or clear the SSM bit and tie the SS pin high for the complete byte transmit sequence. 2. Write to the SPICR register: – Set the MSTR and SPE bits Note: MSTR and SPE bits remain set only if SS is high). The transmit sequence begins when software writes a byte in the SPIDR register. 11.4.3.4 Master Mode Transmit Sequence When software writes to the SPIDR register, the data byte is loaded into the 8-bit shift register and then shifted out serially to the MOSI pin most sig- nificant bit first. When data transfer is complete: – The SPIF bit is set by hardware – An interrupt request is generated if the SPIE bit is set and the interrupt mask in the CCR register is cleared. Clearing the SPIF bit is performed by the following software sequence: 1. An access to the SPICSR register while the SPIF bit is set 2. A read to the SPIDR register. Note: While the SPIF bit is set, all writes to the SPIDR register are inhibited until the SPICSR reg- ister is read. 11.4.3.5 Slave Mode Operation In slave mode, the serial clock is received on the SCK pin from the master device. To operate the SPI in slave mode: 1. Write to the SPICSR register to perform the fol- lowing actions: – Select the clock polarity and clock phase by configuring the CPOL and CPHA bits (see Figure 51). Note: The slave must have the same CPOL and CPHA settings as the master. – Manage the SS pin as described in Section 11.4.3.2 and Figure 49. If CPHA=1 SS must be held low continuously. If CPHA=0 SS must be held low during byte transmission and pulled up between each byte to let the slave write in the shift register. 2. Write to the SPICR register to clear the MSTR bit and set the SPE bit to enable the SPI I/O functions. 11.4.3.6 Slave Mode Transmit Sequence When software writes to the SPIDR register, the data byte is loaded into the 8-bit shift register and then shifted out serially to the MISO pin most sig- nificant bit first. The transmit sequence begins when the slave de- vice receives the clock signal and the most signifi- cant bit of the data on its MOSI pin. When data transfer is complete: – The SPIF bit is set by hardware – An interrupt request is generated if SPIE bit is set and interrupt mask in the CCR register is cleared. Clearing the SPIF bit is performed by the following software sequence: 1. An access to the SPICSR register while the SPIF bit is set. 2. A write or a read to the SPIDR register. Notes: While the SPIF bit is set, all writes to the SPIDR register are inhibited until the SPICSR reg- ister is read. The SPIF bit can be cleared during a second transmission; however, it must be cleared before the second SPIF bit in order to prevent an Overrun condition (see Section 11.4.5.2). |