| データシートサーチシステム |
|
ST72F262G2M6 データシート(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F262G2M6 データシート(HTML) 50 Page - STMicroelectronics |
|
50 / 171 page ![]() ST72260G, ST72262G, ST72264G 50/171 WATCHDOG TIMER (Cont’d) Figure 34. Exact Timeout Duration (tmin and tmax) WHERE: tmin0 = (LSB + 128) x 64 x tOSC2 tmax0 = 16384 x tOSC2 tOSC2 = 125ns if fOSC2=8 MHz CNT = Value of T[5:0] bits in the WDGCR register (6 bits) MSB and LSB are values from the table below depending on the timebase selected by the TB[1:0] bits in the MCCSR register To calculate the minimum Watchdog Timeout (tmin): IF THEN ELSE To calculate the maximum Watchdog Timeout (tmax): IF THEN ELSE Note: In the above formulae, division results must be rounded down to the next integer value. Example: With 2ms timeout selected in MCCSR register TB1 Bit (MCCSR Reg.) TB0 Bit (MCCSR Reg.) Selected MCCSR Timebase MSB LSB 0 0 2ms 4 59 0 1 4ms 8 53 1 0 10ms 20 35 1 1 25ms 49 54 Value of T[5:0] Bits in WDGCR Register (Hex.) Min. Watchdog Timeout (ms) tmin Max. Watchdog Timeout (ms) tmax 00 1.496 2.048 3F 128 128.552 CNT MSB 4 ------------- < t min t min0 16384 CNT t osc2 × × + = t min t min0 16384 CN T 4 CNT MSB ----------------- – × 192 L SB + () 64 4CNT MSB ----------------- × × + t osc2 × + = CNT MSB 4 ------------- ≤ t max t m ax0 16384 CNT t osc2 × × + = t max t m ax0 16384 C NT 4CNT MSB ----------------- – × 192 LSB + () 64 4CNT MS B ----------------- × × + t o sc2 × + = |