| データシートサーチシステム |
|
ST72F262G2M6 データシート(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F262G2M6 データシート(HTML) 81 Page - STMicroelectronics |
|
81 / 171 page ![]() ST72260G, ST72262G, ST72264G 81/171 SERIAL PERIPHERAL INTERFACE (Cont’d) 11.4.6 Low Power Modes 11.4.6.1 Using the SPI to wake-up the Device from Halt mode In slave configuration, the SPI is able to wake-up the Device from HALT mode through a SPIF inter- rupt. The data received is subsequently read from the SPIDR register when the software is running (interrupt vector fetch). If multiple data transfers have been performed before software clears the SPIF bit, then the OVR bit is set by hardware. Note: When waking up from Halt mode, if the SPI remains in Slave mode, it is recommended to per- form an extra communications cycle to bring the SPI from Halt mode state to normal state. If the SPI exits from Slave mode, it returns to normal state immediately. Caution: The SPI can wake-up the Device from Halt mode only if the Slave Select signal (external SS pin or the SSI bit in the SPICSR register) is low when the Device enters Halt mode. So if Slave se- lection is configured as external (see Section 11.4.3.2), make sure the master drives a low level on the SS pin when the slave enters Halt mode. 11.4.7 Interrupts Note: The SPI interrupt events are connected to the same interrupt vector (see Interrupts chapter). They generate an interrupt if the corresponding Enable Control Bit is set and the interrupt mask in the CC register is reset (RIM instruction). Mode Description WAIT No effect on SPI. SPI interrupt events cause the Device to exit from WAIT mode. HALT SPI registers are frozen. In HALT mode, the SPI is inactive. SPI oper- ation resumes when the Device is woken up by an interrupt with “exit from HALT mode” capability. The data received is subsequently read from the SPIDR register when the soft- ware is running (interrupt vector fetching). If several data are received before the wake- up event, then an overrun error is generated. This error can be detected after the fetch of the interrupt routine that woke up the Device. Interrupt Event Event Flag Enable Control Bit Exit from Wait Exit from Halt SPI End of Trans- fer Event SPIF SPIE Yes Yes Master Mode Fault Event MODF Yes No Overrun Error OVR Yes No |