| データシートサーチシステム |
|
ST72F262G2M6 データシート(PDF) 150 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F262G2M6 データシート(HTML) 150 Page - STMicroelectronics |
|
150 / 171 page ![]() ST72260G, ST72262G, ST72264G 150/171 COMMUNICATION INTERFACE CHARACTERISTICS (Cont’d) Figure 102. SPI Slave Timing Diagram with CPHA=11) Figure 103. SPI Master Timing Diagram 1) Notes: 1. Measurement points are done at CMOS levels: 0.3xVDD and 0.7xVDD. 2. When no communication is on-going the data output line of the SPI (MOSI in master mode, MISO in slave mode) has its alternate function capability released. In this case, the pin status depends of the I/O port configuration. SS INPUT CPHA=0 MOSI INPUT MISO OUTPUT CPHA=0 tw(SCKH) tw(SCKL) tr(SCK) tf(SCK) ta(SO) tsu(SI) th(SI) MSB OUT BIT6 OUT LSB OUT see CPOL=0 CPOL=1 tsu(SS) th(SS) tdis(SO) th(SO) see note 2 note 2 tc(SCK) HZ tv(SO) MSB IN LSB IN BIT1 IN SS INPUT CPHA=0 MOSI OUTPUT MISO INPUT CPHA=0 CPHA=1 CPHA=1 tc(SCK) tw(SCKH) tw(SCKL) th(MI) tsu(MI) tv(MO) th(MO) MSB IN MSB OUT BIT6 IN BIT6 OUT LSB OUT LSB IN see note 2 seenote2 CPOL=0 CPOL=1 CPOL=0 CPOL=1 tr(SCK) tf(SCK) |