データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72F262G2M6 データシート(PDF) 161 Page - STMicroelectronics

部品番号 ST72F262G2M6
部品情報  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G2M6 データシート(HTML) 161 Page - STMicroelectronics

Back Button ST72F262G2M6 Datasheet HTML 157Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 158Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 159Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 160Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 161Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 162Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 163Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 164Page - STMicroelectronics ST72F262G2M6 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 171 page
background image
ST72260G, ST72262G, ST72264G
161/171
15.3 DEVELOPMENT TOOLS
STMicroelectronics offers a range of hardware
and software development tools for the ST7 micro-
controller family. Full details of tools available for
the ST7 from third party manufacturers can be ob-
tain from the STMicroelectronics Internet site:
ª http//www.stmcu.com.
Third Party Tools
Tools from these manufacturers include C compli-
ers, emulators and gang programmers.
ST Emulators
The emulator is delivered with everything (probes,
TEB, adapters etc.) needed to start emulating the
devices. To configure the emulator to emulate dif-
ferent ST7 subfamily devices, the active probe for
the ST7 EMU3 can be changed and the ST7EMU3
probe is designed for easy interchange of TEBs
(Target Emulation Board). See Table 28 for more
details.
15.3.1
Socket
and
Emulator
Adapter
Information
For information on the type of socket that is sup-
plied with the emulator, refer to the suggested list
of sockets in Table 29 and Table 30.
Note: Before designing the board layout, it is rec-
ommended to check the overall dimensions of the
socket as they may be greater than the dimen-
sions of the device.
For footprint and other mechanical information
about these sockets and adapters, refer to the
manufacturer’s datasheet.
Table 28. STMicroelectronics Development Tools
Notes:
1. BGA adapter not available for ST7MDT10-EMU3.
2. ST7MDT10-EPB has no BGA socket, it can program BGA devices via ICC only.
Supported Products
Evaluation Board
ST7 Emulator
Active Probe & TEB
ST7 Programming
Board
ST72F264,ST72F262,
ST72F260
ST7FOPTIONS-
EVAL
ST7MDT10-EMU3
ST7MDT10-TEB1
ST7MDT10-EPB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More