| データシートサーチシステム |
|
STLC5466 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5466 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 130 page ![]() STLC5466 2/130 TABLE OF CONTENTS I PIN INFORMATION................................................................................................................6 I.1 PIN CONNECTIONS ..............................................................................................................6 I.2 PIN DESCRIPTION ................................................................. ..............................................7 I.3 PIN DEFINITION...................................................................... ............................................12 I.3.1 Input Pin Definition................................................................................................................12 I.3.2 Output Pin Definition ............................................................................................................12 I.3.3 Input/Output Pin Definition. ..................................................................................................12 II BLOCK DIAGRAM ...............................................................................................................13 III FUNCTIONAL DESCRIPTION .............................................................................................13 III.1 THE SWITCHING MATRIX N X 64 KBITS/S........................................................................13 III.1.1 Function Description .............................................................................................................13 III.1.2 Architecture of the Matrix .....................................................................................................13 III.1.3 Connection Function ............................................................................................................13 III.1.4 Loop Back Function .............................................................................................................15 III.1.5 Delay through the Matrix ......................................................................................................15 III.1.5.1 Variable Delay Mode ........................................................................................................15 III.1.5.2 Sequence Integrity Mode ..................................................................................................15 III.1.6 Connection Memory .............................................................................................................15 III.1.6.1 Description .......................................................................................................................15 III.1.6.2 Access to Connection Memory .........................................................................................15 III.1.6.3 Access to Data Memory....................................................................................................15 III.1.7 Switching at 32 Kbit/s ...........................................................................................................15 III.1.8 Switching at 16 Kbit/s ...........................................................................................................16 III.2 HDLC CONTROLLER.............................................................. ............................................16 III.2.1 Function description .............................................................................................................16 III.2.1.1 Format of the HDLC Frame ..............................................................................................16 III.2.1.2 Composition of an HDLC Frame .......................................................................................16 III.2.1.3 Description and Functions of the HDLC Bytes..................................................................16 III.2.2 CSMA/CR Capability ............................................................................................................17 III.2.3 Time Slot Assigner Memory .................................................................................................17 III.2.4 Data Storage Structure .........................................................................................................18 III.2.4.1 Reception..........................................................................................................................18 III.2.4.2 Transmission.....................................................................................................................18 III.2.4.3 Frame Relay .....................................................................................................................18 III.2.5 Transparent Modes ..............................................................................................................18 III.2.6 Command of the HDLC Channels ........................................................................................19 III.2.6.1 Reception Control .............................................................................................................19 III.2.6.2 Transmission Control ........................................................................................................19 III.3 C/I AND MONITOR.................................................................. ............................................19 III.3.1 Function Description ............................................................................................................19 III.3.2 GCI and V* Protocol .............................................................................................................19 |