| データシートサーチシステム |
|
STLC5466 データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5466 データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 130 page ![]() 3/130 STLC5466 III.3.3 Structure of the Treatment ...................................................................................................20 III.3.4 CI and Monitor Channel Configuration..................................................................................20 III.3.5 CI and Monitor Transmission/Reception Command .............................................................20 III.4 SCRAMBLER AND DESCRAMBLER...................................... ............................................20 III.5 CONNECTION BETWEEN “ISDN CHANNELS” AND GCI CHANNELS ..............................20 III.6 MICROPROCESSOR INTERFACE......................................... ............................................21 III.6.1 Description ...........................................................................................................................21 III.6.2 Buffer ...................................................................................................................................21 III.6.2.1 Write FIFO ........................................................................................................................21 III.6.2.2 Read Fetch Memory .........................................................................................................23 III.6.2.3 Definition of the Interface for the different microprocessors..............................................23 III.7 MEMORY INTERFACE ........................................................... ............................................23 III.7.1 Function Description ............................................................................................................23 III.7.2 Choice of memory versus microprocessor and capacity required ........................................23 III.7.3 Memory Cycle .......................................................................................................................23 III.7.4 Memories composed of different circuits ..............................................................................23 III.7.4.1 Memory obtained with 1M x16 SDRAM circuit..................................................................23 III.7.4.2 Memory obtained with 2M x 8 SDRAM circuit...................................................................23 III.7.4.3 Memory obtained with 8M x 8 SDRAM circuit...................................................................23 III.7.4.4 Memory obtained with 4M x 16 SDRAM circuit.................................................................24 III.8 BUS ARBITRATION ................................................................ ............................................24 III.9 CLOCKS .................................................................................. ............................................24 III.9.1 Clock Distribution Selection and Supervision .......................................................................24 III.9.2 VCXO Frequency Synchronization .......................................................................................24 III.10 INTERRUPT CONTROLLER................................................... ............................................25 III.10.1 Description ........................................................................................................... ................25 III.10.2 Operating Interrupts (INT0 Pin)........................................................................................ .....25 III.10.3 Time Base Interrupts (INT1 Pin) ........................................................................................ ...25 III.10.4 Emergency Interrupts (WDO Pin) ......................................................................................... 25 III.10.5 Interrupt Queues ..................................................................................................................25 III.11 WATCHDOG............................................................................ ............................................25 III.12 RESET ..................................................................................... ............................................25 III.13 BOUNDARY SCAN.................................................................. ............................................26 IV DC SPECIFICATIONS..........................................................................................................27 V LIST OF REGISTERS ..........................................................................................................29 VI INTERNAL REGISTERS ......................................................................................................31 VI.1 IDENTIFICATION AND DYNAMIC COMMAND REGISTER... IDCR (00)H .........................31 VI.2 GENERAL CONFIGURATION REGISTER 1 .......................... GCR1 (02)H........................31 VI.3 INPUT MULTIPLEX CONFIGURATION REGISTER 0............ IMCR0 (04)H.......................33 |