| データシートサーチシステム |
|
STMPE2403 データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE2403 データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 63 page ![]() System controller STMPE2403 18/63 7 System controller The system controller is the heart of the STMPE2403. It contains the registers for power control, and the registers for chip identification. The system registers are: 7.1 Identification register Table 16. System controller Address Register_Name 0x00 Reserved (Reads 0x00) 0x01 Reserved (Reads 0x00) 0x02 SYSCON 0x03 SYSCON2 0x80 CHIP_ID 0x81 VERSION_ID 0x82 Reserved (Reads 0x00) Table 17. CHIP_ID Bit 7 65 43 210 8-bit LSB of Chip ID Read/Write(IIC) R RR RR RR R Reset Value 0 00 00 001 Table 18. VERSION_ID Bit 7 6543 210 8-bit Version ID Read/Write(IIC) R R R R R R R R Reset Value 0 0000 010 |