| データシートサーチシステム |
|
STMPE2403 データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE2403 データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 63 page ![]() Interrupt system STMPE2403 28/63 9.3 Interrupt Enable Mask Register (IER) IER register is used to enable the interruption from a particular interrupt source to the host. IER_msb IER_lsb Bit 15 14 13 12 11 10 9 876543210 Reserved IE8 IE7 IE6 IE5 IE4 IE3 IE2 IE1 IE0 R/W R R R R R R RRWRWRWRWRWRWRWRWRW Reset Value 0 0 0 0 0 0 0 000000000 Table 25. Register description Bits Name Description 8:0 IE[x] Interrupt Enable Mask (where x = 8 to 0) IE0 = Wake-up Interrupt Mask IE1 = Keypad Controller Interrupt Mask IE2 = Keypad Controller FIFO Overflow Interrupt Mask IE3 = Rotator Controller Interrupt Mask IE4 = Rotator Controller Buffer Overflow Interrupt Mask IE5 = PWM Channel 0 Interrupt Mask IE6 = PWM Channel 1 Interrupt Mask IE7 = PWM Channel 2 Interrupt Mask IE8 = GPIO Controller Interrupt Mask Writing a ‘1’ to the IE[x] bit will enable the interruption to the host. |