データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STTS424E02CDN6F データシート(PDF) 23 Page - STMicroelectronics

部品番号 STTS424E02CDN6F
部品情報  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02CDN6F データシート(HTML) 23 Page - STMicroelectronics

Back Button STTS424E02CDN6F Datasheet HTML 19Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 20Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 21Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 22Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 23Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 24Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 25Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 26Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
STTS424E02
Temperature sensor registers
23/51
Figure 9.
Event output boundary timings
Table 11.
Legend for Figure 9: Event output boundary timings.
Note
Event output boundary conditions
Event output
TA bits
Comparator Interrupt
Critical
15
14
13
1TA ≥ TLOWER
H
L
H
000
2TA < TLOWER - THYS
L
L
H
001
3TA > TUPPER
L
L
H
010
4TA < TUPPER - THYS
H
L
H
000
5TA ≥ TCRIT
L
L
L
110
6TA < TCRIT - THYS
L
H
H
010
7
When TA ≥ TCRIT and TA < TCRIT - THYS, the event output is in comparator mode and bit 0 of
the configuration register (interrupt mode) is ignored.
Comparator
TCRIT
TUPPER
TLOWER
TA
TLOWER - THYS
Interrupt
S/W Int. Clear
Critical
TUPPER - THYS
TCRIT - THYS
TUPPER - THYS
TLOWER - THYS
12
1 3
3 5
7
46 4
2
AI12271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51