データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STTS424E02CDN6F データシート(PDF) 48 Page - STMicroelectronics

部品番号 STTS424E02CDN6F
部品情報  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02CDN6F データシート(HTML) 48 Page - STMicroelectronics

Back Button STTS424E02CDN6F Datasheet HTML 43Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 44Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 45Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 46Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 47Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 48Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 49Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 50Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
Landing pattern
STTS424E02
48/51
13
Landing pattern
The landing pattern recommendations per the JEDEC proposal for the TDFN package (DN)
are shown in Figure 19.
The preferred implementation with wide corner pads enhances device centering during
assembly, but a narrower option is defined for modules with tight routing requirements.
Figure 19.
Landing pattern - TDFN package (DN)
e/2
e/2
e2
K
K
E2/2
E2/2
E2
D2/2
D2
D2/2
L
L
e
b
b
b2
b4
K2
K2
K2
E3
E3
e4
ai14000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51