データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STTS424E02CDN6F データシート(PDF) 26 Page - STMicroelectronics

部品番号 STTS424E02CDN6F
部品情報  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02CDN6F データシート(HTML) 26 Page - STMicroelectronics

Back Button STTS424E02CDN6F Datasheet HTML 22Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 23Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 24Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 25Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 26Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 27Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 28Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 29Page - STMicroelectronics STTS424E02CDN6F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Temperature sensor registers
STTS424E02
26/51
Table 16.
Alarm temperature lower boundary register format
Sign
MSB
LSB
Bit
15
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
00
0
Alarm window lower boundary temperature
00
Table 17.
Critical temperature register format
Sign
MSB
LSB
Bit
15
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
00
0
Critical temperature trip point
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51