| データシートサーチシステム |
|
ST62E03BNA/CCCE データシート(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62E03BNA/CCCE データシート(HTML) 67 Page - STMicroelectronics |
|
67 / 96 page ![]() ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 67/96 SUPPLY CURRENT CHARACTERISTICS (Cont’d) 11.4.4 Supply and Clock System The previous current consumption specified for the ST6 functional operating modes over tempera- ture range does not take into account the clock source current consumption. To get the total de- vice consumption, the two current values must be added (except for STOP mode). 11.4.5 On-Chip Peripherals Notes: 1. Typical data are based on TA=25°C. 2. Data based on characterization results, not tested in production. 3. Data based on a differential IDD measurement between reset configuration (OSG and LFAO disabled) and LFAO run- ning (also includes the OSG stand alone consumption). 4. Data based on a differential IDD measurement between reset configuration with OSG disabled and OSG enabled. 5. Data based on a differential IDD measurement between reset configuration with LVD disabled and LVD enabled. 6. Data based on a differential IDD measurement between reset configuration (timer disabled) and timer running. 7. Data based on a differential IDD measurement between reset configuration and continuous A/D conversions. Symbol Parameter Conditions Typ 1) Max 2) Unit IDD(CK) Supply current of RC oscillator fOSC=32 kHz, fOSC=1 MHz fOSC=2 MHz fOSC=4 MHz fOSC=8 MHz VDD=5.0 V 230 260 340 480 µA fOSC=32 kHz, fOSC=1 MHz fOSC=2 MHz fOSC=4 MHz fOSC=8 MHz VDD=3.3 V 80 110 180 320 Supply current of resonator oscillator fOSC=32 kHz, fOSC=1 MHz fOSC=2 MHz fOSC=4 MHz fOSC=8MHz VDD=5.0 V 900 280 240 140 40 fOSC=32 kHz, fOSC=1 MHz fOSC=2 MHz fOSC=4 MHz fOSC=8 MHz VDD=3.3 V 120 70 50 20 10 IDD(LFAO) LFAO supply current 3) VDD=5.0 V 102 IDD(OSG) OSG supply current 4) VDD=5.0 V 40 IDD(LVD) LVD supply current 5) VDD=5.0 V 170 Symbol Parameter Conditions Typ 1) Unit IDD(TIM) 8-bit Timer supply current 6) fOSC=8 MHz VDD=5.0 V 170 µA VDD=3.3 V 100 IDD(ADC) ADC supply current when converting 7) fOSC=8 MHz VDD=5.0 V 80 VDD=3.3 V 50 1 |