| データシートサーチシステム |
|
ST62E03BNA/CCCE データシート(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62E03BNA/CCCE データシート(HTML) 20 Page - STMicroelectronics |
|
20 / 96 page ![]() ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 20/96 CLOCK SYSTEM (Cont’d) 5.1.2 Oscillator Safeguard (OSG) The Oscillator Safeguard (OSG) feature is a means of dramatically improving the operational integrity of the MCU. It is available when the OSG ENABLED option is selected in the option byte (re- fer to the Option Bytes section of this document). The OSG acts as a filter whose cross-over fre- quency is device dependent and provides three basic functions: – Filtering spikes on the oscillator lines which would result in driving the CPU at excessive fre- quencies – Management of the Low Frequency Auxiliary Oscillator (LFAO), (useable as low cost internal clock source, backup clock in case of main oscil- lator failure or for low power consumption) – Automatically limiting the fINT clock frequency as a function of supply voltage, to ensure correct operation even if the power supply drops. 5.1.2.1 Spike Filtering Spikes on the oscillator lines result in an effectively increased internal clock frequency. In the absence of an OSG circuit, this may lead to an over fre- quency for a given power supply voltage. The OSG filters out such spikes (as illustrated in Figure 10). In all cases, when the OSG is active, the max- imum internal clock frequency, fINT, is limited to fOSG, which is supply voltage dependent. 5.1.2.2 Management of Supply Voltage Variations Over-frequency, at a given power supply level, is seen by the OSG as spikes; it therefore filters out some cycles in order that the internal clock fre- quency of the device is kept within the range the particular device can stand (depending on VDD), and below fOSG: the maximum authorised frequen- cy with OSG enabled. 5.1.2.3 LFAO Management When the OSG is enabled, the Low Frequency Auxiliary Oscillator can be used (see Section 5.1.3). Note: The OSG should be used wherever possible as it provides maximum security for the applica- tion. It should be noted however, that it can in- crease power consumption and reduce the maxi- mum operating frequency to fOSG (see Electrical Characteristics section). Caution: Care has to be taken when using the OSG, as the internal frequency is defined between a minimum and a maximum value and may vary depending on both VDD and temperature. For pre- cise timing measurements, it is not recommended to use the OSG. Figure 10. OSG Filtering Function Figure 11. LFAO Oscillator Function fOSC fOSG fINT fOSC<fOSG fOSC>fOSG MAIN OSCILLATOR STOPS MAIN OSCILLATOR RESTARTS INTERNAL CLOCK DRIVEN BY LFAO fOSC fINT fLFAO 1 |