| データシートサーチシステム |
|
ST62E03BNA/CCCE データシート(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62E03BNA/CCCE データシート(HTML) 77 Page - STMicroelectronics |
|
77 / 96 page ![]() ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 77/96 11.8 I/O PORT PIN CHARACTERISTICS 11.8.1 General Characteristics Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified. Figure 55. Typical RPU vs. VDD with VIN = VSS Notes: 1. Unless otherwise specified, typical data are based on TA=25°C and VDD=5V. 2. Data based on characterization results, not tested in production. 3. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested. 4. The RPU pull-up equivalent resistor is based on a resistive transistor. This data is based on characterization results, not tested in production. 5. Data based on characterization results, not tested in production. 6. To generate an external interrupt, a minimum pulse width has to be applied on an I/O port pin configured as an external interrupt source. Figure 56. Two typical Applications with unused I/O Pin Symbol Parameter Conditions Min Typ 1) Max Unit VIL Input low level voltage 2) 0.3xVDD V VIH Input high level voltage 2) 0.7xVDD Vhys Schmitt trigger voltage hysteresis 3) VDD=5V 200 400 mV VDD=3.3V 200 400 IL Input leakage current VSS≤VIN≤VDD (no pull-up configured) 0.1 1 µA RPU Weak pull-up equivalent resistor 4) VIN=VSS VDD=5V 40 110 350 k Ω VDD=3.3V 80 230 700 CIN I/O input pin capacitance 5 10 pF COUT I/O output pin capacitance 5 10 pF tf(IO)out Output high to low level fall time 5) CL=50pF Between 10% and 90% 30 ns tr(IO)out Output low to high level rise time 5) 35 tw(IT)in External interrupt pulse time 6) 1 tCPU 34 56 VDD [V] 50 100 150 200 250 300 350 Rpu [Khom] Ta=-40°C Ta=25°C Ta=95°C Ta=125°C 10k Ω UNUSED I/O PORT ST62XX 10k Ω UNUSED I/O PORT ST62XX VDD 1 |