| データシートサーチシステム |
|
ST62E03LMC/CCCE データシート(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62E03LMC/CCCE データシート(HTML) 64 Page - STMicroelectronics |
|
64 / 96 page ![]() ST6200CM-Auto/ ST6201CM-Auto/ST6203CM-Auto 64/96 SUPPLY CURRENT CHARACTERISTICS (Cont’d) Figure 38. Typical IDD in WAIT vs fCPU and Temperature for OTP devices with option bytes not programmed Figure 39. Typical IDD in WAIT vs fCPU and Temperature for OTP devices with option bytes programmed to 00H 34 56 VDD [V] 0 100 200 300 400 500 600 700 800 IDD [µA] 8MHz 4MHz 2MHz 1M 32KHz -402595 125 T[°C] 200 300 400 500 600 700 IDD [µA] 8MHz 4MHz 2MHz 1MHz 32KHz 34 56 VDD [V] 0 20 40 60 80 100 120 IDD [µA] 8MHz 4MHz 2MHz 1M 32KHz -20 25 95 T[°C] 10 20 30 40 50 60 70 80 90 IDD [µA] 8MHz 4MHz 2MHz 1MHz 32KHz 1 |